Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD9FS1G8F2AMG Datasheet(PDF) 17 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD9FS1G8F2AMG
Description  Single level cell technology
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD9FS1G8F2AMG Datasheet(HTML) 17 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD9FS1G8F2AMG Datasheet HTML 13Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G8F2AMG Datasheet HTML 14Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G8F2AMG Datasheet HTML 15Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G8F2AMG Datasheet HTML 16Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G8F2AMG Datasheet HTML 17Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G8F2AMG Datasheet HTML 18Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G8F2AMG Datasheet HTML 19Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G8F2AMG Datasheet HTML 20Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G8F2AMG Datasheet HTML 21Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 55 page
background image
GD9Fx1GxF2A
17
If the host side uses a sequential access time (tRC) of less than 30ns, the data can be latched on the next falling edge of
RE# as the waveform of EDO (Extended data output)mode.
DOUT0
DOUT1
DOUTn
tCHZ
CE#
RE#
R/B#
I/Ox
tCOH
tRP
tREH
tRR
tRLOH
tREA
tRHOH
tRHZ
tRC
tCEA
Figure 12_b: Data Output Cycle figures
7.5 Write Protect
The Erase and Program Operations are automatically reset when WP# goes Low. The operations are enabled and disabled as follows.
tWW
80h
10h
WE#
I/Ox
WP#
R/B#
tWW
80h
10h
WE#
I/Ox
WP#
R/B#
Figure 13_a: Write Protect Disable with program figures
Figure 13_b: Write Protect Enable with program figures
tWW
60h
D0h
WE#
I/Ox
WP#
R/B#
tWW
60h
D0h
WE#
I/Ox
WP#
R/B#
Figure 13_c: Write Protect Disable with erase figures
Figure 13_d: Write Protect Enable with erase figures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com