Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD9FS1G8F2AMG Datasheet(PDF) 45 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD9FS1G8F2AMG
Description  Single level cell technology
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD9FS1G8F2AMG Datasheet(HTML) 45 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD9FS1G8F2AMG Datasheet HTML 41Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G8F2AMG Datasheet HTML 42Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G8F2AMG Datasheet HTML 43Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G8F2AMG Datasheet HTML 44Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G8F2AMG Datasheet HTML 45Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G8F2AMG Datasheet HTML 46Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G8F2AMG Datasheet HTML 47Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G8F2AMG Datasheet HTML 48Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G8F2AMG Datasheet HTML 49Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 55 page
background image
GD9Fx1GxF2A
45
12.3 AC Timing Characteristics
Parameter
Symbol
3.3V
1.8V
Min
Max
Min
Max
CE# setup time
tCS
15
-
15
-
ns
CE# hold time
tCH
5
-
5
-
ns
CLE setup time
tCLS
12
-
12
-
ns
CLE Hold time
tCLH
5
-
5
-
ns
ALE setup time
tALS
12
-
12
-
ns
ALE hold time
tALH
5
-
5
-
ns
Data setup time
tDS
12
-
12
-
ns
Data hold time
tDH
5
-
5
-
ns
Write cycle time
tWC
25
-
45
-
ns
WE# pulse width
tWP
12
-
22
-
ns
WE# high hold time
tWH
10
-
15
-
ns
Address to data loading time
tADL
70
-
70
-
ns
WE# high to busy
tWB
-
100
-
100
ns
Ready to WE# low
tRW
20
-
20
-
ns
Ready to RE# low
tRR
20
-
20
-
ns
CLE to RE# delay
tCLR
10
-
10
-
ns
ALE to RE# delay
tAR
10
-
10
-
ns
Read cycle time
tRC
25
-
45
-
ns
RE# pulse width
tRP
12
-
22
-
ns
RE# high hold time
tREH
10
-
15
-
ns
RE# access time
tREA
-
20
-
30
ns
CE# access time
tCEA
-
25
-
45
ns
RE# high to output high Z
tRHZ
-
100
-
100
ns
CE# high to output high Z
tCHZ
-
50
-
50
ns
CE# high to ALE or CLE Don’t care
tCSD
10
-
10
-
ns
CE# high to output hold
tCOH
15
-
15
-
ns
RE# high to output hold
tRHOH
15
-
15
-
ns
RE# low to output hold
tRLOH
3
-
3
-
ns
Output Hi-Z to RE# Low
tIR
0
-
0
-
ns
CE# low to RE# low
tCR
10
-
10
-
ns
RE# high to WE# low
tRHW
100
-
100
-
ns
WE# high to RE# low
tWHR
60
-
60
-
ns
Write protect time
tWW
100
-
100
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com