Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD9FS1G8F2AMG Datasheet(PDF) 9 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD9FS1G8F2AMG
Description  Single level cell technology
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD9FS1G8F2AMG Datasheet(HTML) 9 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD9FS1G8F2AMG Datasheet HTML 5Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G8F2AMG Datasheet HTML 6Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G8F2AMG Datasheet HTML 7Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G8F2AMG Datasheet HTML 8Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G8F2AMG Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G8F2AMG Datasheet HTML 10Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G8F2AMG Datasheet HTML 11Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G8F2AMG Datasheet HTML 12Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G8F2AMG Datasheet HTML 13Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
GD9Fx1GxF2A
9
4.1 PIN DESCRIPTION
Signal Name
Input/ Output
Description
R/B#
O
Ready/Busy
:Open drain output to indicate the target status, low to indicate that
one or more operations are in progress.
RE#
I
Read Enable
:Enables serial data output, active low.
CE#
I
Chip Enable
:When high and the target is in the ready state, the target goes into
a low-power standby state. When low, the target is selected.
CLE
I
Command Latch Enable
:Enable signal to load a command into the target on
the rising edge of WE#, active high.
ALE
I
Address Latch Enable
:Enable signal to load an address into the target on the
rising edge of WE#, active high.
WE#
I
Write Enable
:Data, Commands, and Addresses are latched on the rising edge
of WE#.
WP#
I
Write Protect
:Low to disable Flash array program and erase operations.
IO0 ~ IO7
I/O
I/O Port, bits 0-7
:8-bit wide bidirectional port for transferring address, command,
and data to and from the device.
IO8 ~ IO15
I/O
I/O Port, bits 8-15
:Upper 8 bits for the 16-bit wide bidirectional port used to
transfer data to and from the device.
VCC
I
Power
:Power supply to the device.
VSS
I
Ground
:Power supply ground.
NC
-
No Connection
:Lead is not internally connected.
VCC
VSS
CE#
WE#
RE#
ALE
CLE
WP#
R/B#
IO0~IO15
Organization
X16
Figure 5_a: GD9Fx1G8F2A figures
Figure 5_b: GD9Fx1G6F2A figures
VCC
VSS
CE#
WE#
RE#
ALE
CLE
WP#
R/B#
IO0~IO7
Organization
X8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com