Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25LD80C Datasheet(PDF) 19 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LD80C
Description  1.8V Uniform Sector Standard and Dual Serial Flash
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LD80C Datasheet(HTML) 19 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LD80C Datasheet HTML 15Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD80C Datasheet HTML 16Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD80C Datasheet HTML 17Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD80C Datasheet HTML 18Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD80C Datasheet HTML 19Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD80C Datasheet HTML 20Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD80C Datasheet HTML 21Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD80C Datasheet HTML 22Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD80C Datasheet HTML 23Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
1.8V Uniform Sector
Standard and Dual Serial Flash
GD25LD80C
19
the value of the Write In Progress (WIP) bit. The Write In Progress (WIP) bit is 1 during the self-timed Chip Erase cycle, and
is 0 when it is completed. At some unspecified time before the cycle is completed, the Write Enable Latch (WEL) bit is reset.
The Chip Erase (CE) command is executed if the Block Protect (BP2, BP1, BP0) bits are all 0. The Chip Erase (CE)
command is not executed if any sector is under protection.
Figure12. Chip Erase Sequence Diagram
7.13.
Deep Power-Down (DP) (B9H)
Executing the Deep Power-Down (DP) command is the only way to enter the lowest consumption mode (the Deep
Power-Down Mode). Unlike deselecting the device by driving CS# high, or entering into the Standby Mode (if there is no
internal cycle currently in progress), the Deep Power-Down Mode provides an extra software protection mechanism while
the device is not in active use. The only access to this mode is by executing the Deep Power-Down (DP) command. Since
in the Deep Power-Down mode, the device ignores all Write, Program and Erase commands. Once the device is in the
Deep Power-Down Mode, all commands are ignored except the Release from Deep Power-Down and Read Device ID (RDI)
command. This releases the device from this mode. The Release from Deep Power-Down and Read Device ID (RDI)
command also allows the Device ID of the device to be output on SO.
The Deep Power-Down Mode automatically stops at Power-Down, and the device always Power-Up in the Standby
Mode. The Deep Power-Down (DP) command is entered by driving CS# low, followed by the command code on SI. CS#
must be driven low for the entire duration of the sequence.
The Deep Power-Down command sequence: CS# goes low  sending Deep Power-Down command  CS# goes
high. The command sequence is shown in Figure13. CS# must be driven high after the eighth bit of the command code has
been latched in; otherwise the Deep Power-Down (DP) command is not executed. As soon as CS# is driven high, it requires
a delay of tDP before the supply current is reduced to ICC2 and the Deep Power-Down Mode is entered. Any Deep Power-
Down (DP) command, while an Erase, Program or Write cycle is in progress, is rejected without having any effects on the
cycle that is in progress.
Figure13. Deep Power-Down Sequence Diagram
7.14.
Release from Deep Power-Down / Read Device ID (ABH)
The Release from Power-Down and Read Device ID command is a multi-purpose command, which can be used to
release the device from the Power-Down state or obtain the devices electronic identification (ID) number.
When used to release the device from the Power-Down state, the command is issued by driving the CS# pin low,
shifting the instruction code
“ABH” and driving CS# high as shown in Figure14. Release from Power-Down will take the
Command
0
1
2
3
4
5
6
7
60H or C7H
CS#
SCLK
SI
Command
0
1
2
3
4
5
6
7
B9H
CS#
SCLK
SI
tDP
Stand-by mode Deep Power-down mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com