Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25LD80C Datasheet(PDF) 41 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LD80C
Description  1.8V Uniform Sector Standard and Dual Serial Flash
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LD80C Datasheet(HTML) 41 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LD80C Datasheet HTML 34Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD80C Datasheet HTML 35Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD80C Datasheet HTML 36Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD80C Datasheet HTML 37Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD80C Datasheet HTML 38Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD80C Datasheet HTML 39Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD80C Datasheet HTML 40Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD80C Datasheet HTML 41Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD80C Datasheet HTML 42Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 41 / 42 page
background image
1.8V Uniform Sector
Standard and Dual Serial Flash
GD25LD80C
41
11. REVISION HISTORY
Version No
Description
Page
Date
1.0
Initial Release
All
2018-1-17
1.1
Add 4BH command
Modify tVSL min value from 5ms to 0.3ms
Modify VWI max value from 1.5V to 1.55V
Modify tBP1 @-40
℃~85℃ from 30-60us to 40-97us
Add AC/DC Parameters @-40
℃~105℃
Add AC/DC Parameters @-40
℃~125℃
Add package of USON8 (1.5x1.5mm)
P22
P23
P23
P28
P26, 29
P37, 30
P39
2018-11-7
1.2
Modify Icc3 typ. value @50MHz (x1) from 3mA to 1.3mA
Modify Icc3 typ. value @40MHz (x1, x2) from 3mA to 1.6mA
Modify Icc3 max. value @50MHz (x1) @-40℃-85℃ from 6mA to
2mA
Modify Icc3 max. value @40MHz (x1, x2) @-40℃-85℃ from
6mA to 3mA
P25, 26, 27
P25, 26, 27
P25
P25
2019-4-24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com