Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25LD80C Datasheet(PDF) 33 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LD80C
Description  1.8V Uniform Sector Standard and Dual Serial Flash
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LD80C Datasheet(HTML) 33 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LD80C Datasheet HTML 29Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD80C Datasheet HTML 30Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD80C Datasheet HTML 31Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD80C Datasheet HTML 32Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD80C Datasheet HTML 33Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD80C Datasheet HTML 34Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD80C Datasheet HTML 35Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD80C Datasheet HTML 36Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD80C Datasheet HTML 37Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
1.8V Uniform Sector
Standard and Dual Serial Flash
GD25LD80C
33
9.1. Valid Part Numbers
Please contact GigaDevice regional sales for the latest product selection and available form factors.
Temperature Range I: Industrial (-40
℃ to +85℃)
Product Number
Density
Package Type
GD25LD80CTIG
8Mbit
SOP8 150mil
GD25LD80CSIG
8Mbit
SOP8 208mil
GD25LD80COIG
8Mbit
TSSOP8 173mil
GD25LD80CPIG
8Mbit
DIP8 300mil
GD25LD80CKIG
8Mbit
USON8 (1.5x1.5mm)
GD25LD80CEIG
8Mbit
USON8 (3x2mm, 0.45mm thickness)
Temperature Range J: Industrial (-40
℃ to +105℃)
Product Number
Density
Package Type
GD25LD80CTJG
8Mbit
SOP8 150mil
GD25LD80CSJG
8Mbit
SOP8 208mil
GD25LD80COJG
8Mbit
TSSOP8 173mil
GD25LD80CPJG
8Mbit
DIP8 300mil
GD25LD80CKJG
8Mbit
USON8 (1.5x1.5mm)
GD25LD80CEJG
8Mbit
USON8 (3x2mm, 0.45mm thickness)
Temperature Range E: Industrial (-40
℃ to +125℃)
Product Number
Density
Package Type
GD25LD80CTEG
8Mbit
SOP8 150mil
GD25LD80CSEG
8Mbit
SOP8 208mil
GD25LD80COEG
8Mbit
TSSOP8 173mil
GD25LD80CPEG
8Mbit
DIP8 300mil
GD25LD80CKEG
8Mbit
USON8 (1.5x1.5mm)
GD25LD80CEEG
8Mbit
USON8 (3x2mm, 0.45mm thickness)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com