Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25LE20C Datasheet(PDF) 22 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LE20C
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LE20C Datasheet(HTML) 22 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LE20C Datasheet HTML 18Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE20C Datasheet HTML 19Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE20C Datasheet HTML 20Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE20C Datasheet HTML 21Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE20C Datasheet HTML 22Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE20C Datasheet HTML 23Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE20C Datasheet HTML 24Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE20C Datasheet HTML 25Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE20C Datasheet HTML 26Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 75 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LE40C/20C/10C/05C
22
7.1 Write Enable (WREN) (06H)
The Write Enable (WREN) command is for setting the Write Enable Latch (WEL) bit. The Write Enable Latch (WEL) bit must
be set prior to every Page Program (PP), Sector Erase (SE), Block Erase (BE), Chip Erase (CE), Write Status Register
(WRSR) and Erase/Program Security Registers command. The Write Enable (WREN) command sequence: CS# goes low
 sending the Write Enable command  CS# goes high.
Figure2. Write Enable Sequence Diagram
Command
0
1
2
3
4
5
6
7
06H
CS#
SCLK
SI
SO
High-Z
7.2 Write Disable (WRDI) (04H)
The Write Disable command is for resetting the Write Enable Latch (WEL) bit. The Write Disable command sequence: CS#
goes low Sending the Write Disable command CS# goes high. The WEL bit is reset by following condition: Power-up
and upon completion of the Write Status Register, Page Program, Sector Erase, Block Erase, Chip Erase, Erase/Program
Security Registers and Reset commands.
Figure3. Write Disable Sequence Diagram
Command
0
1
2
3
4
5
6
7
04H
CS#
SCLK
SI
SO
High-Z
7.3 Write Enable for Volatile Status Register (50H)
The non-volatile Status Register bits can also be written to as volatile bits. This gives more flexibility to change the system
configuration and memory protection schemes quickly without waiting for the typical non-volatile bit write cycles or affecting
the endurance of the Status Register non-volatile bits. The Write Enable for Volatile Status Register command must be
issued prior to a Write Status Register command and any other commands cannot be inserted between them. Otherwise,
Write Enable for Volatile Status Register will be cleared. The Write Enable for Volatile Status Register command will not set
the Write Enable Latch bit, it is only valid for the Write Status Register command to change the volatile Status Register bit
values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com