Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25LE20C Datasheet(PDF) 63 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LE20C
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LE20C Datasheet(HTML) 63 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LE20C Datasheet HTML 59Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE20C Datasheet HTML 60Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE20C Datasheet HTML 61Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE20C Datasheet HTML 62Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE20C Datasheet HTML 63Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE20C Datasheet HTML 64Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE20C Datasheet HTML 65Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE20C Datasheet HTML 66Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE20C Datasheet HTML 67Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 75 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LE40C/20C/10C/05C
63
Temperature Range J: Industrial (-40
℃ to +105℃)
Product Number
Density
Package Type
GD25LE40CTJG
4Mbit
SOP8 150mil
GD25LE20CTJG
2Mbit
GD25LE10CTJG
1Mbit
GD25LE05CTJG
512Kbit
GD25LE40CSJG
4Mbit
SOP8 208mil
GD25LE20CSJG
2Mbit
GD25LE10CSJG
1Mbit
GD25LE05CSJG
512Kbit
GD25LE40CMJG
4Mbit
VSOP8 150mil
GD25LE20CMJG
2Mbit
GD25LE10CMJG
1Mbit
GD25LE05CMJG
512Kbit
GD25LE40CVJG
4Mbit
VSOP8 208mil
GD25LE20CVJG
2Mbit
GD25LE10CVJG
1Mbit
GD25LE05CVJG
512Kbit
GD25LE40CEJG
4Mbit
USON8 (3x2mm, 0.45mm thickness)
GD25LE20CEJG
2Mbit
GD25LE10CEJG
1Mbit
GD25LE05CEJG
512Kbit
GD25LE40CHJG
4Mbit
USON8 (3x3mm)
GD25LE20CHJG
2Mbit
GD25LE10CHJG
1Mbit
GD25LE05CHJG
512Kbit
GD25LE40CNJG
4Mbit
USON8 (3x4mm)
GD25LE20CNJG
2Mbit
GD25LE10CNJG
1Mbit
GD25LE05CNJG
512Kbit
GD25LE40CQJG
4Mbit
USON8 (4x4mm, 0.45mm thickness)
GD25LE20CQJG
2Mbit
GD25LE10CQJG
1Mbit
GD25LE05CQJG
512Kbit
GD25LE40CWJG
4Mbit
WSON8 (6x5mm)
GD25LE20CWJG
2Mbit
GD25LE10CWJG
1Mbit
GD25LE05CWJG
512Kbit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com