Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25LE20C Datasheet(PDF) 31 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LE20C
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LE20C Datasheet(HTML) 31 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LE20C Datasheet HTML 27Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE20C Datasheet HTML 28Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE20C Datasheet HTML 29Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE20C Datasheet HTML 30Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE20C Datasheet HTML 31Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE20C Datasheet HTML 32Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE20C Datasheet HTML 33Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE20C Datasheet HTML 34Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE20C Datasheet HTML 35Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 75 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LE40C/20C/10C/05C
31
7.14 Quad Page Program (32H)
The Quad Page Program command is for programming the memory using four pins: IO0, IO1, IO2, and IO3. To use Quad
Page Program the Quad enable in status register Bit9 must be set (QE=1). A Write Enable (WREN) command must
previously have been executed to set the Write Enable Latch (WEL) bit before sending the Page Program command. The
quad Page Program command is entered by driving CS# Low, followed by the command code (32H), three address bytes
and at least one data byte on IO pins.
The command sequence is shown in Figure15 If more than 256 bytes are sent to the device, previously latched data are
discarded and the last 256 data bytes are guaranteed to be programmed correctly within the same page. If less than 256
data bytes are sent to device, they are correctly programmed at the requested addresses without having any effects on the
other bytes of the same page. CS# must be driven high after the eighth bit of the last data byte has been latched in; otherwise
the Quad Page Program (PP) command is not executed.
As soon as CS# is driven high, the self-timed Quad Page Program cycle (whose duration is tPP) is initiated. While the Quad
Page Program cycle is in progress, the Status Register may be read to check the value of the Write In Progress (WIP) bit.
The Write in Progress (WIP) bit is 1 during the self-timed Quad Page Program cycle, and is 0 when it is completed. At some
unspecified time before the cycle is completed, the Write Enable Latch (WEL) bit is reset.
A Quad Page Program command applied to a page which is protected by the Block Protect (BP4, BP3, BP2, BP1, and BP0)
is not executed.
Figure15 Quad Page Program Sequence Diagram
Command
0
1
2
3
4
5
6
7
32H
CS#
SCLK
8
9 10
28 29 30 31
3
2
1
0
23 22 21
24-bit address
32 33 34 35
4
0
MSB
36 37 38 39
SI(IO0)
SO(IO1)
WP#(IO2)
HOLD#(IO3)
5
1
6
2
7
3
4
0
5
1
6
2
7
3
4
0
5
1
6
2
7
3
4
0
5
1
6
2
7
3
Byte1 Byte2
CS#
SCLK
SI(IO0)
SO(IO1)
WP#(IO2)
HOLD#(IO3)
42 43 44 45
41
46 47
40
50 51 52 53
49
54 55
48
4
0
5
1
6
2
7
3
4
0
5
1
6
2
7
3
4
0
5
1
6
2
7
3
4
0
5
1
6
2
7
3
4
0
5
1
6
2
7
3
4
0
5
1
6
2
7
3
4
0
5
1
6
2
7
3
Byte11
4
0
5
1
6
2
7
3
Byte12
4
0
5
1
6
2
7
3
Byte253
4
0
5
1
6
2
7
3
4
0
5
1
6
2
7
3
4
0
5
1
6
2
7
3
Byte256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com