Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25LE32D Datasheet(PDF) 64 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LE32D
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LE32D Datasheet(HTML) 64 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LE32D Datasheet HTML 60Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE32D Datasheet HTML 61Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE32D Datasheet HTML 62Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE32D Datasheet HTML 63Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE32D Datasheet HTML 64Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE32D Datasheet HTML 65Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE32D Datasheet HTML 66Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE32D Datasheet HTML 67Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE32D Datasheet HTML 68Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 72 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LE32D
64
9.1 Valid Part Numbers
Please contact GigaDevice regional sales for the latest product selection and available form factors.
Temperature Range I: Industrial (-40
℃ to +85℃)
Product Number
Density
Package Type
GD25LE32DSIG
32Mbit
SOP8 208mil
GD25LE32DVIG
32Mbit
VSOP8 208mil
GD25LE32DNIG
32Mbit
USON8 (3x4mm)
GD25LE32DQIG
32Mbit
USON8 (4x4mm, 0.45mm thickness)
GD25LE32DWIG
32Mbit
WSON8 (6x5mm)
GD25LE32DLIGR
32Mbit
WLCSP
Temperature Range J: Industrial (-40
℃ to +105℃)
Product Number
Density
Package Type
GD25LE32DSJG
32Mbit
SOP8 208mil
GD25LE32DVJG
32Mbit
VSOP8 208mil
GD25LE32DNJG
32Mbit
USON8 (3x4mm)
GD25LE32DQJG
32Mbit
USON8 (4x4mm, 0.45mm thickness)
GD25LE32DWJG
32Mbit
WSON8 (6x5mm)
GD25LE32DLJGR
32Mbit
WLCSP
Temperature Range E: Industrial (-40
℃ to +125℃)
Product Number
Density
Package Type
GD25LE32DSEG
32Mbit
SOP8 208mil
GD25LE32DVEG
32Mbit
VSOP8 208mil
GD25LE32DNEG
32Mbit
USON8 (3x4mm)
GD25LE32DQEG
32Mbit
USON8 (4x4mm, 0.45mm thickness)
GD25LE32DWEG
32Mbit
WSON8 (6x5mm)
GD25LE32DLEGR
32Mbit
WLCSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com