Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25LE32D Datasheet(PDF) 9 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LE32D
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LE32D Datasheet(HTML) 9 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LE32D Datasheet HTML 5Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE32D Datasheet HTML 6Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE32D Datasheet HTML 7Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE32D Datasheet HTML 8Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE32D Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE32D Datasheet HTML 10Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE32D Datasheet HTML 11Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE32D Datasheet HTML 12Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE32D Datasheet HTML 13Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 72 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LE32D
9
5. DATA PROTECTION
The GD25LE32D provide the following data protection methods:
◆
Write Enable (WREN) command: The WREN command is set the Write Enable Latch bit (WEL). The WEL bit will
return to reset by the following situation:
-Power-Up
-Write Disable (WRDI)
-Write Status Register (WRSR)
-Page Program (PP)
-Sector Erase (SE) / Block Erase (BE) / Chip Erase (CE)
-Software reset (66H+99H)
-Erase Security Registers / Program Security Registers
◆
Software Protection Mode: The Block Protect (BP4, BP3, BP2, BP1, and BP0) bits define the section of the
memory array that can be read but not change.
◆
Hardware Protection Mode: WP# goes low to protect the writable bit of Status Register.
◆
Deep Power-Down Mode: In Deep Power-Down Mode, all commands are ignored except the Release from Deep
Power-Down Mode command and reset command (66H+99H).
Table1. GD25LE32D Protected area size (CMP=0)
Status Register Content
Memory Content
BP4
BP3
BP2
BP1
BP0
Blocks
Addresses
Density
Portion
X
X
0
0
0
NONE
NONE
NONE
NONE
0
0
0
0
1
63
3F0000H-3FFFFFH
64KB
Upper 1/64
0
0
0
1
0
62 to 63
3E0000H-3FFFFFH
128KB
Upper 1/32
0
0
0
1
1
60 to 63
3C0000H-3FFFFFH
256KB
Upper 1/16
0
0
1
0
0
56 to 63
380000H-3FFFFFH
512KB
Upper 1/8
0
0
1
0
1
48 to 63
300000H-3FFFFFH
1MB
Upper 1/4
0
0
1
1
0
32 to 63
200000H-3FFFFFH
2MB
Upper 1/2
0
1
0
0
1
0
000000H-00FFFFH
64KB
Lower 1/64
0
1
0
1
0
0 to 1
000000H-01FFFFH
128KB
Lower 1/32
0
1
0
1
1
0 to 3
000000H-03FFFFH
256KB
Lower 1/16
0
1
1
0
0
0 to 7
000000H-07FFFFH
512KB
Lower 1/8
0
1
1
0
1
0 to 15
000000H-0FFFFFH
1MB
Lower 1/4
0
1
1
1
0
0 to 31
000000H-1FFFFFH
2MB
Lower 1/2
X
X
1
1
1
0 to 63
000000H-3FFFFFH
4MB
ALL
1
0
0
0
1
63
3FF000H-3FFFFFH
4KB
Top Block
1
0
0
1
0
63
3FE000H-3FFFFFH
8KB
Top Block
1
0
0
1
1
63
3FC000H-3FFFFFH
16KB
Top Block
1
0
1
0
X
63
3F8000H-3FFFFFH
32KB
Top Block
1
0
1
1
0
63
3F8000H-3FFFFFH
32KB
Top Block
1
1
0
0
1
0
000000H-000FFFH
4KB
Bottom Block
1
1
0
1
0
0
000000H-001FFFH
8KB
Bottom Block
1
1
0
1
1
0
000000H-003FFFH
16KB
Bottom Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com