Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25LE32D Datasheet(PDF) 12 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LE32D
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LE32D Datasheet(HTML) 12 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LE32D Datasheet HTML 8Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE32D Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE32D Datasheet HTML 10Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE32D Datasheet HTML 11Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE32D Datasheet HTML 12Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE32D Datasheet HTML 13Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE32D Datasheet HTML 14Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE32D Datasheet HTML 15Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE32D Datasheet HTML 16Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 72 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LE32D
12
QE bit.
The Quad Enable (QE) bit is a non-volatile Read/Write bit in the Status Register that allows Quad operation. When
the QE bit is set to 0 (Default) the WP# pin and HOLD# pin are enable. When the QE pin is set to 1, the Quad IO2 and IO3
pins are enabled. (It is best to set the QE bit to 0 to avoid short issue if the WP# or HOLD# pin is tied directly to the power
supply or ground.)
LB3, LB2, LB1 bits.
The LB3, LB2, LB1 bits are non-volatile One Time Program (OTP) bits in Status Register (S13-S11) that provide the
write protect control and status to the Security Registers. The default state of LB3-LB1 are 0, the security registers are
unlocked. The LB3-LB1 bits can be set to 1 individually using the Write Register instruction. The LB3-LB1 bits are One
Time Programmable, once they are set to 1, the Security Registers will become read-only permanently.
CMP bit
The CMP bit is a non-volatile Read/Write bit in the Status Register (S14). It is used in conjunction with the BP4-BP0
bits to provide more flexibility for the array protection. Please see the Status registers Memory Protection table for details.
The default setting is CMP=0.
SUS1, SUS2 bits
The SUS1 and SUS2 bits are read only bits in the status register (S15 and S10) that are set to 1 after executing an
Program/Erase Suspend (75H) command (The Erase Suspend will set the SUS1 to 1,and the Program Suspend will set
the SUS2 to 1). The SUS1 and SUS2 bits are cleared to 0 by Program/Erase Resume (7AH) command, software reset
(66H+99H) command as well as a power-down, power-up cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com