Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25LH80C Datasheet(PDF) 49 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LH80C
Description  Uniform Sector Dual and Quad Serial Flash
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LH80C Datasheet(HTML) 49 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LH80C Datasheet HTML 45Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH80C Datasheet HTML 46Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH80C Datasheet HTML 47Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH80C Datasheet HTML 48Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH80C Datasheet HTML 49Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH80C Datasheet HTML 50Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH80C Datasheet HTML 51Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH80C Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH80C Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
Uniform Sector
Dual and Quad Serial Flash
GD25LH80C
49
tPP
Page Programming Time
0.35
0.8
ms
tSE
Sector Erase Time
40
300
ms
tBE
Block Erase Time (32K Bytes)
0.15
0.8
s
tBE
Block Erase Time (64K Bytes)
0.18
1
s
tCE
Chip Erase Time (GD25LH80C)
2.5
5
s
Note:
1. Typical values given for TA=25°C.
2. Value guaranteed by design and/or characterization, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com