Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25LH80C Datasheet(PDF) 7 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LH80C
Description  Uniform Sector Dual and Quad Serial Flash
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LH80C Datasheet(HTML) 7 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LH80C Datasheet HTML 3Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH80C Datasheet HTML 4Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH80C Datasheet HTML 5Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH80C Datasheet HTML 6Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH80C Datasheet HTML 7Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH80C Datasheet HTML 8Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH80C Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH80C Datasheet HTML 10Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH80C Datasheet HTML 11Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
Uniform Sector
Dual and Quad Serial Flash
GD25LH80C
7
3
MEMORY ORGANIZATION
GD25LH80C
Each device has
Each block has
Each sector has
Each page has
1M
64/32K
4K
256
Bytes
4K
256/128
16
-
pages
256
16/8
-
-
sectors
16/32
-
-
-
blocks
UNIFORM BLOCK SECTOR ARCHITECTURE
GD25LH80C 64K Bytes Block Sector Architecture
Block
Sector
Address range
15
255
0FF000H
0FFFFFH
……
……
……
240
0F0000H
0F0FFFH
14
239
0EF000H
0EFFFFH
……
……
……
224
0E0000H
0E0FFFH
……
……
……
……
……
……
……
……
……
……
……
……
……
……
……
……
……
……
……
……
2
47
02F000H
02FFFFH
……
……
……
32
020000H
020FFFH
1
31
01F000H
01FFFFH
……
……
……
16
010000H
010FFFH
0
15
00F000H
00FFFFH
……
……
……
0
000000H
000FFFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com