Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25LH80C Datasheet(PDF) 63 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LH80C
Description  Uniform Sector Dual and Quad Serial Flash
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LH80C Datasheet(HTML) 63 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LH80C Datasheet HTML 56Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH80C Datasheet HTML 57Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH80C Datasheet HTML 58Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH80C Datasheet HTML 59Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH80C Datasheet HTML 60Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH80C Datasheet HTML 61Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH80C Datasheet HTML 62Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH80C Datasheet HTML 63Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH80C Datasheet HTML 64Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 63 / 64 page
background image
Uniform Sector
Dual and Quad Serial Flash
GD25LH80C
63
11 REVISION HISTORY
Version No
Description
Page
Date
1.0
Initial Release
All
2017-10-12
1.1
Added Package: USON8 3*2mm, thickness 0.55mm
P59
2017-11-7
1.2
Modify the description of WSON8 and USON8 packages
Modify tBP1 from 15-30us to 25-50us
P55-59
P47
2017-12-1
1.3
Delete E7H command
Modify tVSL min value from 5ms to 2ms
Modify Icc2 max. value from 5uA to 8uA
Add tRS to the DC Characteristics, of which the min value is 100us
Update the description of SOP8 and VSOP8 packages
Add “E1” values to the dimension table of USON8 4x4 package
Add WLCSP Package
---
P44
P46
P47
P51-54
P57
P49, 60
2018-3-20
1.4
Add 4BH command
Modify the sequence diagram of 42H command
Modify tVSL min value from 2ms to 1.8ms
P35
P38
P45
2018-9-11
1.5
Modify Icc1 max value from 25uA to 28uA
Remove tSE max value of 50K cycling
P47
P49
2019-1-24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com