Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25LH40CSIG Datasheet(PDF) 53 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LH40CSIG
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LH40CSIG Datasheet(HTML) 53 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LH40CSIG Datasheet HTML 49Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH40CSIG Datasheet HTML 50Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH40CSIG Datasheet HTML 51Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH40CSIG Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH40CSIG Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH40CSIG Datasheet HTML 54Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH40CSIG Datasheet HTML 55Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH40CSIG Datasheet HTML 56Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH40CSIG Datasheet HTML 57Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 69 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LH40C/20C/10C/05C
53
tPP
Page Programming Time
0.35
0.8
ms
tSE
Sector Erase Time
40
300
ms
tBE
Block Erase Time (32K Bytes)
0.15
0.8
s
tBE
Block Erase Time (64K Bytes)
0.18
1
s
tCE
Chip Erase Time (GD25LH40C)
1.25
3
s
tCE
Chip Erase Time (GD25LH20C)
0.8
1.5
s
tCE
Chip Erase Time (GD25LH10C)
0.4
1
s
tCE
Chip Erase Time (GD25LH05C)
0.2
1
s
Note:
1.
Typical values given for TA=25°C.
2.
Value guaranteed by design and/or characterization, not 100% tested in production.
Figure40. Serial Input Timing
SCLK
CS#
SI
MSB
SO
High-Z
LSB
tCHSL
tSLCH
tDVCH
tCHDX
tSHCH
tCHSH
tCHCL
tCLCH
tSHSL
Figure41. Output Timing
Figure 42. Resume to Suspend Timing Diagram
CS#
Resume
Command
tRS
Suspend
Command
CS#
SCLK
SO
SI
Least significant address bit (LIB) in
tCLQV
tCLQX
tCLQX
tCLQV
tCLH
tCLL
tSHQZ
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com