Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25LH40CSIG Datasheet(PDF) 68 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LH40CSIG
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LH40CSIG Datasheet(HTML) 68 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LH40CSIG Datasheet HTML 61Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH40CSIG Datasheet HTML 62Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH40CSIG Datasheet HTML 63Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH40CSIG Datasheet HTML 64Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH40CSIG Datasheet HTML 65Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH40CSIG Datasheet HTML 66Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH40CSIG Datasheet HTML 67Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH40CSIG Datasheet HTML 68Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH40CSIG Datasheet HTML 69Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 68 / 69 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LH40C/20C/10C/05C
68
11 REVISION HISTORY
Version No
Description
Page
Date
1.0
Initial Release
All
2017-11-13
1.1
Remove E7H command
Modify tVSL min value from 5ms to 1.8ms
Modify Icc2 max value from 5uA to 8uA
Add tRS, of which the min value is 100us
Update the description of SOP8 & VSOP8 packages
Add the package of USON8 (3*2mm, 0.55mm thickness)
---
P48
P50
P51
P57-60
P62
2018-7-9
1.2
Add 4BH command
Modify tSE max value to 300ms
P40
P53
2018-10-17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com