Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25LH40CSIG Datasheet(PDF) 56 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LH40CSIG
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LH40CSIG Datasheet(HTML) 56 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LH40CSIG Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH40CSIG Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH40CSIG Datasheet HTML 54Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH40CSIG Datasheet HTML 55Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH40CSIG Datasheet HTML 56Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH40CSIG Datasheet HTML 57Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH40CSIG Datasheet HTML 58Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH40CSIG Datasheet HTML 59Page - GigaDevice Semiconductor (Beijing) Inc. GD25LH40CSIG Datasheet HTML 60Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 69 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LH40C/20C/10C/05C
56
9.1 Valid Part Numbers
Please contact GigaDevice regional sales for the latest product selection and available form factors.
Temperature Range I: Industrial (-40
℃ to +85℃)
Product Number
Density
Package Type
GD25LH40CTIG
4Mbit
SOP8 150mil
GD25LH20CTIG
2Mbit
GD25LH10CTIG
1Mbit
GD25LH05CTIG
512Kbit
GD25LH40CSIG
4Mbit
SOP8 208mil
GD25LH20CSIG
2Mbit
GD25LH10CSIG
1Mbit
GD25LH05CSIG
512Kbit
GD25LH40CMIG
4Mbit
VSOP8 150mil
GD25LH20CMIG
2Mbit
GD25LH10CMIG
1Mbit
GD25LH05CMIG
512Kbit
GD25LH40CVIG
4Mbit
VSOP8 208mil
GD25LH20CVIG
2Mbit
GD25LH10CVIG
1Mbit
GD25LH05CVIG
512Kbit
GD25LH40CEIG
4Mbit
USON8 (3x2mm, 0.45mm thickness)
GD25LH20CEIG
2Mbit
GD25LH10CEIG
1Mbit
GD25LH05CEIG
512Kbit
GD25LH40CUIG
4Mbit
USON8 (3x2mm, 0.55mm thickness)
GD25LH20CUIG
2Mbit
GD25LH10CUIG
1Mbit
GD25LH05CUIG
512Kbit
GD25LH40CHIG
4Mbit
USON8 (3x3mm)
GD25LH20CHIG
2Mbit
GD25LH10CHIG
1Mbit
GD25LH05CHIG
512Kbit
GD25LH40CNIG
4Mbit
USON8 (3x4mm)
GD25LH20CNIG
2Mbit
GD25LH10CNIG
1Mbit
GD25LH05CNIG
512Kbit
GD25LH40CQIG
4Mbit
USON8 (4x4mm, 0.45mm thickness)
GD25LH20CQIG
2Mbit
GD25LH10CQIG
1Mbit
GD25LH05CQIG
512Kbit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com