Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CE8301 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CE8301
Description  SMALL PACKAGE PFM CONTROL STEP-UP DC/DC CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CE8301 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CE8301 Datasheet HTML 1Page - List of Unclassifed Manufacturers CE8301 Datasheet HTML 2Page - List of Unclassifed Manufacturers CE8301 Datasheet HTML 3Page - List of Unclassifed Manufacturers CE8301 Datasheet HTML 4Page - List of Unclassifed Manufacturers CE8301 Datasheet HTML 5Page - List of Unclassifed Manufacturers CE8301 Datasheet HTML 6Page - List of Unclassifed Manufacturers CE8301 Datasheet HTML 7Page - List of Unclassifed Manufacturers CE8301 Datasheet HTML 8Page - List of Unclassifed Manufacturers CE8301 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SMALL PACKAGE PFM CONTROL STEP-UP DC/DC CONVERTER
CE8301 Series
Table 5 CE8301 ESeries(SOT-23-5 PKG)
Pin No.
Pin Name
Functions
1
VOUT
(FB)
Output voltage fixed output type;
Output voltage monitoring pin
(Output voltage external setting type;
Feedback pin)
2
VDD
IC power supply pin
3
NC
(N.C.)
4
VSS
GND pin
5
LX
External transistor connection pin
Table 6 CE8301 FSeries(SOT-23-5 PKG)
Pin No.
Pin Name
Functions
1
VOUT
(FB)
Output voltage fixed output type;
Output voltage monitoring pin
(Output voltage external setting type;
Feedback pin)
2
VDD
IC power supply pin
3
NC
(N.C.)
4
VSS
GND pin
5
EXT
External transistor connection pin
Table 7 CE8301A Series (SOT-89-3 PKG)
Pin No.
Pin Name
Functions
1
VSS
GND pin
2
VOUT
Output voltage pin
3
LX
External inductor connection pin
Table 8 CE8301B Series (SOT-89-3 PKG)
Pin No.
Pin Name
Functions
1
VSS
GND pin
2
VOUT
Output voltage pin
3
EXT
External transistor connection pin
Table 9 CE8301E Series (SOT-89-5 PKG)
Pin No.
Pin Name
Functions
1
NC
(N.C.)
2
VDD
IC power supply pin
3
VOUT
(FB)
Output voltage fixed output type;
Output voltage monitoring pin
(Output voltage external setting type;
Feedback pin)
4
LX
External transistor connection pin
5
VSS
GND pin
Table 10 CE8301F Series(SOT-89-5 PKG)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com