Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CE8301 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CE8301
Description  SMALL PACKAGE PFM CONTROL STEP-UP DC/DC CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CE8301 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CE8301 Datasheet HTML 1Page - List of Unclassifed Manufacturers CE8301 Datasheet HTML 2Page - List of Unclassifed Manufacturers CE8301 Datasheet HTML 3Page - List of Unclassifed Manufacturers CE8301 Datasheet HTML 4Page - List of Unclassifed Manufacturers CE8301 Datasheet HTML 5Page - List of Unclassifed Manufacturers CE8301 Datasheet HTML 6Page - List of Unclassifed Manufacturers CE8301 Datasheet HTML 7Page - List of Unclassifed Manufacturers CE8301 Datasheet HTML 8Page - List of Unclassifed Manufacturers CE8301 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
SMALL PACKAGE PFM CONTROL STEP-UP DC/DC CONVERTER
CE8301 Series
Pin No.
Pin Name
Functions
1
NC
(N.C.)
2
VDD
IC power supply pin
3
VOUT
(FB)
Output voltage fixed output type;
Output voltage monitoring pin
(Output voltage external setting type;
Feedback pin)
4
EXT
External transistor connection pin
5
VSS
GND pin
Absolute Maximum Ratings
(Unless otherwise specified, Ta=25 C)
 
Parameter
Symbol
Ratings
Unit
VOUT pin voltage
VOUT
VSS-0.3 ~ VSS+10
V
EN pin voltage
EN
VSS-0.3 ~ VSS+10
V
LX pin voltage
VLX
VSS-0.3 ~ VSS+10
V
LX pin current
ILX
1000
mA
SOT-23-3
250
mW
SOT-23-5
250
mW
Power
dissipation
SOT-89-3
PD
500
mW
Operating temperature
Topr
-
40 ~+85
°C
Storage temperature
Tstg
-
40 ~+125
°C
Electrical Characteristics
(Unless otherwise specified, Ta =25 C)
 
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Output voltage
VOUT
-
VOUT(S)
×0.98
VOUT
VOUT(S)
×1.02
V
Input voltage
VIN
-
-
-
10
V
Operation start voltage
VST1
IOUT= 1 mA
-
-
0.9
V
Oscillation start voltage
VST2
No external parts, voltage
applied to VOUT LX pulled up
to VOUT via 300Ω resistor
-
-
0.8
V
VOUT:3.0V
-
30
40
µA
Current consumption 1
ISS1
VOUT=0.95
×VOUT
VOUT:5.0V
50
60
µA
Current consumption 2
ISS2
VOUT=VOUT+0.5 V
-
6
10
µA
Current consumption
during
shutdown
ISSS
VEN = 0 V
-
-
0.5
µA
Switching current
ISW
VLX= 0.4 V
100
200
-
mA
Switching transistor
leakage current
ISWQ
No external parts,
VLX=VOUT =10 V ,VEN = 0 V
-
-
0.5
µA
Line regulation
∆VOUT1
VIN= 0.4×VOUT~
0.6×VOUT
-
20
50
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com