Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CE8301 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # CE8301
Description  SMALL PACKAGE PFM CONTROL STEP-UP DC/DC CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CE8301 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  CE8301 Datasheet HTML 1Page - List of Unclassifed Manufacturers CE8301 Datasheet HTML 2Page - List of Unclassifed Manufacturers CE8301 Datasheet HTML 3Page - List of Unclassifed Manufacturers CE8301 Datasheet HTML 4Page - List of Unclassifed Manufacturers CE8301 Datasheet HTML 5Page - List of Unclassifed Manufacturers CE8301 Datasheet HTML 6Page - List of Unclassifed Manufacturers CE8301 Datasheet HTML 7Page - List of Unclassifed Manufacturers CE8301 Datasheet HTML 8Page - List of Unclassifed Manufacturers CE8301 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SMALL PACKAGE PFM CONTROL STEP-UP DC/DC CONVERTER
CE8301 Series
Load regulation
∆VOUT2
IOUT= 10 µA ~ 50mA
-
20
50
mV
Maximum Oscillation
frequency
fOSC
VOUT= 0.95×VOUT, measure
waveform at LX pin
100
kHz
Duty ratio 1
Duty1
VOUT= 0.95×VOUT,
measure waveform at
LX pin
70
78
85
%
Duty ratio 2
Duty2
Measure waveform at
LX pin with light load
-
66
-
%
Efficiency
EFFI
85
%
VSH
VOUT=0.95×VOUT,judge
oscillation at LX pin
0.75
-
-
V
Shutdown pin input
voltage
VSL1
VOUT= 0.95×VOUT,
judge stop at LX pin
-
-
0.3
V
ISH
VEN=10V
-
0.1
-
0.1
µA
Shutdown pin input
current
ISL
VEN=0V
-
0.1
-
0.1
µA
Remark: VIN =VOUT(S)
×0.6 applied, IOUT=VOUT(S) / 250 Ω
Shutdown function built-in type: EN pin is connected to VOUT
VOUT(S) specified above is the set output voltage value, and VOUT is the typical value of the actual
output voltage.
■
Standard Circuits
1、CE8301A Circuits:
2、CE8301C Circuits:



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com