Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAAF3529VBDSEJ3ZGS Datasheet(PDF) 3 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # AAAF3529VBDSEJ3ZGS
Description  3.5 x 2.8 mm Surface Mount SMD Chip LED
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

AAAF3529VBDSEJ3ZGS Datasheet(HTML) 3 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  AAAF3529VBDSEJ3ZGS Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AAAF3529VBDSEJ3ZGS Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AAAF3529VBDSEJ3ZGS Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AAAF3529VBDSEJ3ZGS Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AAAF3529VBDSEJ3ZGS Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 2018 Kingbright. All Rights Reserved. Spec No: DSAM7148 / 1201008462 Rev No: V.5B Date: 04/28/2018
Page 3 / 5
AAAF3529VBDSEJ3ZGS
TECHNICAL DATA
0%
20%
40%
60%
80%
100%
350
400
450
500
550
600
650
700
750
800
Ta = 25 °C
Red
Wavelength (nm)
Blue
Green
RELATIVE INTENSITY vs. WAVELENGTH
0.5
0.5
0.0
-90°
-75°
-60°
-45°
-30°
-15°
75°
60°
45°
30°
0°
15°
90°
1.0
1.0
Ta = 25 °C
SPATIAL DISTRIBUTION
GREEN
0
10
20
30
40
50
2.0
2.4
2.8
3.2
3.6
4.0
Ta = 25 °C
Forward voltage (V)
0.0
0.5
1.0
1.5
2.0
2.5
0
1020
304050
Ta = 25 °C
Forward current (mA)
0
10
20
30
40
50
-40 -20
0
20
406080 100
Ambient temperature (°C)
0.0
0.5
1.0
1.5
2.0
2.5
-40 -20
0
20 40 60 80 100
Ambient temperature (°C)
Forward Current vs.
Forward Voltage
Luminous Intensity vs.
Forward Current
Forward Current Derating Curve
Luminous Intensity vs.
Ambient Temperature
HYPER RED
0
10
20
30
40
50
1.5
1.7
1.9
2.1
2.3
2.5
Ta = 25 °C
Forward voltage (V)
0.0
0.5
1.0
1.5
2.0
2.5
0
1020
304050
Ta = 25 °C
Forward current (mA)
0
10
20
30
40
50
60
-40 -20
0
20
406080 100
Ambient temperature (°C)
0.0
0.5
1.0
1.5
2.0
2.5
-40 -20
0
20406080 100
Ambient temperature (°C)
Forward Current vs.
Forward Voltage
Luminous Intensity vs.
Forward Current
Forward Current Derating Curve
Luminous Intensity vs.
Ambient Temperature
BLUE
0
10
20
30
40
50
2.0
2.4
2.8
3.2
3.6
4.0
Ta = 25 °C
Forward voltage (V)
0.0
0.5
1.0
1.5
2.0
2.5
0
1020
304050
Ta = 25 °C
Forward current (mA)
0
10
20
30
40
50
-40 -20
0
20
406080 100
Ambient temperature (°C)
0.0
0.5
1.0
1.5
2.0
2.5
-40 -20
0
20 406080 100
Ambient temperature (°C)
Forward Current vs.
Forward Voltage
Luminous Intensity vs.
Forward Current
Forward Current Derating Curve
Luminous Intensity vs.
Ambient Temperature



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com