Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAAF3529VBDSEJ3ZGS Datasheet(PDF) 4 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # AAAF3529VBDSEJ3ZGS
Description  3.5 x 2.8 mm Surface Mount SMD Chip LED
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

AAAF3529VBDSEJ3ZGS Datasheet(HTML) 4 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  AAAF3529VBDSEJ3ZGS Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AAAF3529VBDSEJ3ZGS Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AAAF3529VBDSEJ3ZGS Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AAAF3529VBDSEJ3ZGS Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AAAF3529VBDSEJ3ZGS Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
© 2018 Kingbright. All Rights Reserved. Spec No: DSAM7148 / 1201008462 Rev No: V.5B Date: 04/28/2018
Page 4 / 5
AAAF3529VBDSEJ3ZGS
TECHNICAL DATA
TAPE SPECIFICATIONS (units : mm)
REEL DIMENSION (units : mm)
REFLOW SOLDERING PROFILE for LEAD-FREE SMD PROCESS
Notes:
1. Don't cause stress to the LEDs while it is exposed to high temperature.
2. The maximum number of reflow soldering passes is 2 times.
3. Reflow soldering is recommended. Other soldering methods are not recommended as they might
cause damage to the product.
PACKING & LABEL SPECIFICATIONS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com