Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAAF3529VBDSEJ3ZGS Datasheet(PDF) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # AAAF3529VBDSEJ3ZGS
Description  3.5 x 2.8 mm Surface Mount SMD Chip LED
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

AAAF3529VBDSEJ3ZGS Datasheet(HTML) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  AAAF3529VBDSEJ3ZGS Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AAAF3529VBDSEJ3ZGS Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AAAF3529VBDSEJ3ZGS Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AAAF3529VBDSEJ3ZGS Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AAAF3529VBDSEJ3ZGS Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2018 Kingbright. All Rights Reserved. Spec No: DSAM7148 / 1201008462 Rev No: V.5B Date: 04/28/2018
Page 1 / 5
PACKAGE DIMENSIONS
SELECTION GUIDE
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 of the optical peak value.
2. Luminous intensity / luminous flux: +/-15%.
3. Luminous intensity value is traceable to CIE127-2007 standards.
AAAF3529VBDSEJ3ZGS
3.5 x 2.8 mm Surface Mount SMD Chip LED
RECOMMENDED SOLDERING PATTERN
(units : mm; tolerance : ± 0.1)
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.2(0.008") unless otherwise noted.
3. The specifications, characteristics and technical data described in the datasheet are subject to
change without prior notice.
4. The device has a single mounting surface. The device must be mounted according to the specifications.
DESCRIPTIONS
The Blue source color devices are made with InGaN
Light Emitting Diode
The Hyper Red device is based on light emitting diode
chip made from AlGaInP
The Green source color devices are made with InGaN
on Sapphire Light Emitting Diode
Electrostatic discharge and power surge could
Damage the LEDs
It is recommended to use a wrist band or anti-
electrostatic glove when handling the LEDs
All devices, equipments and machineries must be
electrically grounded
FEATURES
Outstanding material efficiency
Low power consumption
Can produce any color in visible spectrum, including
white light
Suitable for all SMD assembly and solder process
Available on tape and reel
Package: 2000pcs / reel
Moisture sensitivity level: 3
RoHS compliant
APPLICATIONS
Backlight
Status indicator
Home and smart appliances
Wearable and portable devices
Healthcare applications
ATTENTION
Observe precautions for handling
electrostatic discharge sensitive devices
Part Number
Emitting Color
(Material)
Lens Type
Iv (mcd) @ 20mA [2]
Viewing Angle [1]
Min.
Typ.
2θ1/2
AAAF3529VBDSEJ3ZGS
■ Blue (InGaN)
Water Clear
200
300
■ Hyper Red
(AlGaInP)
400
560
■ Green (InGaN)
400
580
130
°
Blue
Red
Green
香港至恩科技有限公司  
www.to-grace.com
公司授权代理销售LITE-ON:光耦,贴片LED灯等
进口原装,现货供应,价格优势,技术支持
电话:0755-83464948 传真:0755-83464076


Similar Part No. - AAAF3529VBDSEJ3ZGS

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AAAF3529VBDSEJ3ZGS KINGBRIGHT-AAAF3529VBDSEJ3ZGS Datasheet
352Kb / 5P
3.5 x 2.8 mm Surface Mount SMD Chip LED
More results

Similar Description - AAAF3529VBDSEJ3ZGS

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AAAF3529SEEZGQBDS KINGBRIGHT-AAAF3529SEEZGQBDS Datasheet
353Kb / 5P
3.5 x 2.8 mm Surface Mount SMD Chip LED
AAAF3529VBDSEJ3ZGS KINGBRIGHT-AAAF3529VBDSEJ3ZGS Datasheet
352Kb / 5P
3.5 x 2.8 mm Surface Mount SMD Chip LED
logo
HK TO-GRACE TECHNOLOGY ...
AAAF3529LSEEZGKQBKS TO-GRACE-AAAF3529LSEEZGKQBKS Datasheet
1Mb / 5P
3.5 x 2.8 mm Surface Mount SMD Chip LED
AAAF3529LSEKJ3ZGKQBS TO-GRACE-AAAF3529LSEKJ3ZGKQBS Datasheet
1Mb / 5P
3.5 x 2.8 mm Surface Mount SMD Chip LED
AAAF3529SEEZGKQBKS TO-GRACE-AAAF3529SEEZGKQBKS Datasheet
1Mb / 5P
3.5 x 2.8 mm Surface Mount SMD Chip LED
AAAF3529SEEZGQBDS TO-GRACE-AAAF3529SEEZGQBDS Datasheet
1Mb / 5P
3.5 x 2.8 mm Surface Mount SMD Chip LED
AAAF3529SEKJ3ZGKQBKS TO-GRACE-AAAF3529SEKJ3ZGKQBKS Datasheet
1Mb / 5P
3.5 x 2.8 mm Surface Mount SMD Chip LED
KPED-3528CGCK TO-GRACE-KPED-3528CGCK Datasheet
912Kb / 4P
3.5 x 2.8 mm SMD Chip LED Lamp
KPED-3528SECK TO-GRACE-KPED-3528SECK Datasheet
902Kb / 4P
3.5 x 2.8 mm SMD Chip LED Lamp
KAAF-3529BGRS-132 TO-GRACE-KAAF-3529BGRS-132 Datasheet
1Mb / 5P
3.5 x 2.8 mm Surface Mount SMD Chip LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com