Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM721 Datasheet(PDF) 5 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM721
Description  12MHz, High Slew Rate, RRIO CMOS Operational Amplifiers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM721 Datasheet(HTML) 5 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM721 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM721 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM721 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM721 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM721 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM721 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM721 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM721 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM721 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
At TA =+25℃,VCM =VS /2, and RL = 10kΩ connected to VS /2, unless otherwise noted.
Output Voltage Swing as a function of Output
Current.
Input Offset Voltage Production Distribution.
0
50
100
150
200
250
300
Input Offset Voltage (mV)
1,800 Samples
VS = 5V
VCM = 0.05V
Input Bias Current as a function of Temperature.
Maximum Output Voltage as a function of Frequency.
Quiescent Current as a function of Supply Voltage.
Quiescent Current as a function of Temperature.
Typical Performance Characteristics
0
10203040
50607080
90
0.00
1.25
2.50
3.75
5.00
Sourcing Current
Sinking Current
- 40
OC
+25
OC
+125
OC
Vs=5V
Output Current(mA)
-50
-25
0
25
50
75
100
125
1
10
100
1000
10000
Temperature(
oC)
10k
100k
1M
10M
0
1
2
3
4
5
6
5.5V
5.0V
2.4V
Frequency(Hz)
12
34
56
0
200
400
600
800
1000
1200
1400
Ta=25
oC
Supply Voltage (V)
-40
-20
0
20
406080
100
0
200
400
600
800
1000
1200
V
DD=3.0V
V
DD=5.5V
Ambient Temperature(
oC)
HM721, HM722, HM724
12MHz, High Slew Rate, RRIO CMOS Operational Amplifiers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com