Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM721 Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM721
Description  12MHz, High Slew Rate, RRIO CMOS Operational Amplifiers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM721 Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM721 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM721 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM721 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM721 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM721 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM721 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM721 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM721 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM721 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Pin Description
2
Ordering Information
Limiting Value
Symbol
Description
–IN
Inverting Input of the Amplifier. The Voltage range can go from (VS– – 0.2V) to (VS+ +
0.2V).
+IN
Non-Inverting Input of Amplifier. This pin has the same voltage range as –IN.
+VS
Positive Power Supply. The voltage is from 2.3V to 5.5V. Split supplies are possible as
long as the voltage between VS+ and VS– is between 2.3V and 5.5V. A bypass
capacitor of 0.1μF as close to the part as possible should be used between power
supply pins or between supply pins and ground.
–VS
Negative Power Supply. It is normally tied to ground. It can also be tied to a voltage
other than ground as long as the voltage between VS+ and VS– is from 2.3V to 5.5V. If it
is not connected to ground, bypass it with a capacitor of 0.1μF as close to the part as
possible.
OUT
Amplifier Output.
N/C
No Connection.
Type Number
Package Name
Package Quantity
Marking Code
H
M
SC70-5
Tape and Reel, 3 000
H
M
SOT23-5
Tape and Reel, 3 000
C71
H
M
MSOP-8
Tape and Reel, 3 000
C72X
H
M
SO-8
Tape and Reel, 4 000
C72X
H
M
DFN-8L 2*2
Tape and Reel, 3 000
C72X
H
M
TSSOP-14
Tape and Reel, 3 000
C74X
H
M
SO-14
Tape and Reel, 2 500
C74X
Parameter
Absolute Maximum Rating
Supply Voltage, VS+ to VS–
7.0V
Common-Mode Input Voltage
VS– – 0.5V to VS+ + 0.5V
Storage Temperature Range
–65
℃ to +150℃(TJ)
Junction Temperature
160
℃
Lead Temperature Range (Soldering 10 sec)
260
℃
Electrostatic Discharge Voltage
HBM ±4 000V
MM ±400V
In accordance with the Absolute Maximum Rating System (IEC 60134).
NOTE 1: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These
are stress ratings only, which do not imply functional operation of the device at these or any other conditions beyond those
indicated under Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods
may affect device reliability.
NOTE 2: Provided device does not exceed maximum junction temperature (TJ) at any time.
HM721, HM722, HM724
12MHz, High Slew Rate, RRIO CMOS Operational Amplifiers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com