Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM721 Datasheet(PDF) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM721
Description  12MHz, High Slew Rate, RRIO CMOS Operational Amplifiers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM721 Datasheet(HTML) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM721 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM721 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM721 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM721 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM721 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM721 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM721 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM721 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM721 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
General Description
The H
M721 (single), HM722 (dual) and HM724 (quad) are low noise, Low voltage and
high slew rate operational amplifiers with an excellent bandwidth of 12MHz, a slew rate of
11V/μs, and a quiescent current of 820μA per amplifier at 5V, the H
M72x family can be
designed into a wide range of applications.
The H
M72x op-amps are designed to provide optimal performance in low voltage and
low noise systems The input common-mode voltage range includes ground, andthe
maximum input offset voltage are 4.0mV. These parts provide rail-to-rail output swing into
heavy loads. The H
M72x family is specified for single or dual power supplies of +2.3V to
+5.5V. All models are specified over the extended industrial temperature range of −40
℃
to +125
℃.
The H
M721 is available in 5-lead SC70 and SOT-23 packages. The HM722 is available
in 8-lead MSOP and SOIC packages. The H
M724 is available in 14-lead TSSOP and
SOIC packages.
Features and Benefits
High Slew Rate: 11 V/μs
Wide Bandwidth: 12 MHz
Low Power: 820 μA per Amplifier Supply Current
Settling Time to 0.1% with 2V Step: 0.26 μs
Overload Recovery Time: 0.31 μs
Low Noise : 10 nV/√Hz
High Gains of 110 dB for Active Filters and Gain Stages
Low Offset Voltage: 4.2 mV Maximum
Unit Gain Stable
Rail-to-Rail Input and Output
– Input Voltage Range: -0.2 to +5.2 V at 5V Supply
Operating Power Supply: +2.3 V to +5.5 V
Operating Temperature Range: −40
℃ to +125℃
Applications
Photodiode Amplification
Sensor Interfaces
Audio Outputs
Active Filters
Driving A/D Converters
Portable Equipment
Battery-Powered Instrumentation
Pin Configurations (Top View)
1
H
M721
HM722
HM722
HM724
HM721, HM722, HM724
12MHz, High Slew Rate, RRIO CMOS Operational Amplifiers


Similar Part No. - HM721

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM7210 HMSEMI-HM7210 Datasheet
864Kb / 10P
5mA~450mA Constant Current Regulator
HM7212 HMSEMI-HM7212 Datasheet
864Kb / 10P
5mA~450mA Constant Current Regulator
HM7215 HMSEMI-HM7215 Datasheet
864Kb / 10P
5mA~450mA Constant Current Regulator
HM7218 HMSEMI-HM7218 Datasheet
864Kb / 10P
5mA~450mA Constant Current Regulator
More results

Similar Description - HM721

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6557 PANASONIC-AN6557 Datasheet
33Kb / 3P
Dual Low Noise, High Slew Rate Operational Amplifiers
logo
Texas Instruments
TL3X071 TI-TL3X071 Datasheet
109Kb / 8P
HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3474 TI-TL3474 Datasheet
359Kb / 15P
HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3474 TI-TL3474_07 Datasheet
505Kb / 17P
HIGH-SLEW-RATE,SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL33071 TI1-TL33071 Datasheet
108Kb / 6P
HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Rohm
BU7294F ROHM-BU7294F Datasheet
765Kb / 30P
Input/Output Full Swing High Slew Rate Low Voltage CMOS Operational Amplifiers
logo
Texas Instruments
TL3X071 TI1-TL3X071_08 Datasheet
108Kb / 6P
HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
E-CMOS Corporation
EC5420A E-CMOS-EC5420A Datasheet
592Kb / 10P
High Slew Rate Rail-to-Rail Quad Operational Amplifiers
EC5602 E-CMOS-EC5602 Datasheet
855Kb / 12P
High Slew Rate Rail-to-Rail Dual Operational Amplifiers
logo
Guangdong Youtai Semico...
AD8541 UMW-AD8541 Datasheet
3Mb / 19P
1.1MHz, 85μA, CMOS, RRIO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com