Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM722 Datasheet(PDF) 8 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM722
Description  12MHz, High Slew Rate, RRIO CMOS Operational Amplifiers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM722 Datasheet(HTML) 8 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM722 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM722 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM722 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM722 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM722 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM722 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM722 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM722 Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM722 Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
Application Notes
LOW INPUT BIAS CURRENT
The H
M72x family is a CMOS op-amp family and features
very low input bias current in pA range. The low input bias
current allows the amplifiers to be used in applications with
high resistance sources. Care must be taken to minimize
PCB Surface Leakage. See below section on “PCB Surface
Leakage” for more details.
PCB SURFACE LEAKAGE
In applications where low input bias current is critical,
Printed Circuit Board (PCB) surface leakage effects need to
be considered. Surface leakage is caused by humidity, dust
or other contamination on the board. Under low humidity
conditions, a typical resistance between nearby traces is
1012Ω. A 5V difference would cause 5pA of current to flow,
which is greater than the H
M72x’s input bias current at
+25
℃ (±1fA, typical). It is recommended to use multi-layer
PCB layout and route the op-amp’s –IN and +IN signal
under the PCB surface.
The effective way to reduce surface leakage is to use a
guard ring around sensitive pins (or traces). The guard ring
is biased at the same voltage as the sensitive pin. An
example of this type of layout is shown in Figure 1 for
Inverting Gain application.
1. For Non-Inverting Gain and Unity-Gain Buffer:
a) Connect the non-inverting pin (+IN) to the input with
a wire that does not touch the PCB surface.
b) Connect the guard ring to the inverting input pin (–
IN). This biases the guard ring to the Common
Mode input voltage.
2. For Inverting Gain and Trans-impedance Gain Amplifiers
(convert current to voltage, such as photo detectors):
a) Connect the guard ring to the non-inverting input
pin (+IN). This biases the guard ring to the same
reference voltage as the op-amp (e.g., VS/2 or
ground).
b) Connect the inverting pin (–IN) to the input with a
wire that does not touch the PCB surface.
GROUND SENSING AND RAIL TO RAIL
The input common-mode voltage range of the H
M72x
series extends 300mV beyond the supply rails. This is
achieved with a complementary input stage—an N-channel
input differential pair in parallel with a P-channel differential
pair. For normal operation, inputs should be limited to this
range. The absolute maximum input voltage is 500mV
beyond the supplies. Inputs greater than the input common-
mode range but less than the maximum input voltage, while
not valid, will not cause any damage to the op-amp. Unlike
some other op-amps, if input current is limited, the inputs
may go beyond the supplies without phase inversion, as
shown in Figure 2. Since the input common-mode range
extends from (VS− −0.3V) to (VS+ + 0.3V), the HM72x op-
amps can easily perform ‘true ground’ sensing.
A topology of class AB output stage with common-source
transistors is used to achieve rail-to-rail output. For light
resistive loads (e.g. 100kΩ), the output voltage can typically
swing to within 5mV from the supply rails. With moderate
resistive loads (e.g. 10kΩ), the output can typically swing to
within 10mV from the supply rails and maintain high open-
loop gain. See the Typical Characteristic curve, Output
Voltage Swing as a function of Output Current, for more
information.
The maximum output current is a function of total supply
voltage. As the supply voltage to the amplifier increases, the
output current capability also increases. Attention must be
paid to keep the junction temperature of the IC below 150
℃
when the output is in continuous short-circuit. The output of
the amplifier has reverse-biased ESD diodes connected to
each supply. The output should not be forced more than
0.5V beyond either supply, otherwise current will flow
through these diodes.
CAPACITIVE LOAD AND STABILITY
The H
M72x can directly drive 1nF in unity-gain without
oscillation. The unity-gain follower (buffer) is the most
sensitive
configuration
to
capacitive
loading.
Direct
capacitive loading reduces the phase margin of amplifiers
and this results in ringing or even oscillation. Applications
that require greater capacitive drive capability should use an
isolation resistor between the output and the capacitive load
like the circuit in Figure 3. The isolation resistor RISO and the
load capacitor CL form a zero to increase stability. The
bigger the RISO resistor value, the more stable VOUT will be.
Note that this method results in a loss of gain accuracy
because RISO forms a voltage divider with the RL.
An improvement circuit is shown in Figure 4. It provides DC
accuracy as well as AC stability. The RF provides the DC
accuracy by connecting the inverting signal with the output.
Figure 1. Use a guard ring around sensitive pins
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0
102030405060
TIME (ms)
Figure 2. No Phase Inversion with Inputs Greater Than the
Power-Supply Voltage
VIN
CL
H
M72x
VOUT
RISO
Figure 3. Indirectly Driving Heavy Capacitive Load
HM721, HM722, HM724
12MHz, High Slew Rate, RRIO CMOS Operational Amplifiers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com