Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM722 Datasheet(PDF) 10 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM722
Description  12MHz, High Slew Rate, RRIO CMOS Operational Amplifiers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM722 Datasheet(HTML) 10 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM722 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM722 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM722 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM722 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM722 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM722 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM722 Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM722 Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM722 Datasheet HTML 13Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
Typical Application Circuits (continued)
and a lithium battery are housed in the probe assembly. A
conventional low-cost coaxial cable can be used to carry the
op-amp’s output signal to subsequent ICs for pH reading.
SHUNT-BASED CURRENT SENSING AMPLIFIER
The current sensing amplification shown in Figure 8 has a
slew rate of 2πfVPP for the output of sine wave signal, and
has a slew rate of 2fVPP for the output of triangular wave
signal. In most of motor control systems, the PWM
frequency is at 10kHz to 20kHz, and one cycle time is
100μs for a 10kHz of PWM frequency. In current shunt
monitoring for a motor phase, the phase current is
converted to a phase voltage signal for ADC sampling. This
sampling voltage signal must be settled before entering the
ADC.As theFigure 8 shown,thetotal settlingtimeof a
current shunt monitor circuit includes: the rising edge delay
time (tSR) due to the op-amp’s slew rate, and the
measurement settling time (tSET). If the minimum duty cycle
of the PWM is defined at 5%, and the tSR is required at 20%
of a total time window for a phase current monitoring, in
case of a 3.3V motor control system (3.3V MCU with 12-bit
ADC), the op-amp’s slew rate should be more than:
3.3V / (100μs× 5% × 20%) = 3.3 V/μs
At the same time, the op-amp’s bandwidth should be much
greater than the PWM frequency, like 10 time at least.
Figure 8. Current Shunt Monitor Circuit
H
M72x
To MCU
ADC pin
R5
VM
R1
R3
C1
C2
R2
RSHUNT
To Motor Phase
VBUS
Low side
switch
High side
switch
Amplification
Offset
Filter
R4
tSR
tSET
tSMP
tSR – Time delay due to op-amp slew rate
tSET – Measurement settling time
tSMP – Sampling time window
HM721, HM722, HM724
12MHz, High Slew Rate, RRIO CMOS Operational Amplifiers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com