Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM722 Datasheet(PDF) 12 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM722
Description  12MHz, High Slew Rate, RRIO CMOS Operational Amplifiers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM722 Datasheet(HTML) 12 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM722 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM722 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM722 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM722 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM722 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM722 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM722 Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM722 Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM722 Datasheet HTML 13Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
12
Package Outlines (continued)
MSOP-8
SO-8
Symbol
Dimensions
In Millimeters
Dimensions
In Inches
Min
Max
Min
Max
A
0.800
1.100
0.033
0.045
A1
0.050
0.150
0.002
0.006
A2
0.750
0.950
0.031
0.039
b
0.290
0.380
0.012
0.016
C
0.150
0.200
0.006
0.008
D
2.900
3.100
0.118
0.127
E
2.900
3.100
0.118
0.127
E1
4.700
5.100
0.192
0.208
e
0.650 typ.
0.026 typ.
L
0.400
0.700
0.016
0.029
θ
0°
8°
0°
8°
Symbol
Dimensions
In Millimeters
Dimensions
In Inches
Min
Max
Min
Max
A
1.370
1.670
0.056
0.068
A1
0.070
0.170
0.003
0.007
A2
1.300
1.500
0.053
0.061
b
0.306
0.506
0.013
0.021
C
0.203 typ.
0.008 typ.
D
4.700
5.100
0.192
0.208
E
3.820
4.020
0.156
0.164
E1
5.800
6.200
0.237
0.253
e
1.270 typ.
0.050 typ.
L
0.450
0.750
0.018
0.306
θ0°
8°
0°
8°
C
θ
D
e
E
E1
b
A2
A1
A
L
HM721, HM722, HM724
12MHz, High Slew Rate, RRIO CMOS Operational Amplifiers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com