Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5641 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 2N5641
Description  7W / 20W / 40W, 28V, VHF POWER TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N5641 Datasheet(HTML) 1 Page - STMicroelectronics

  2N5641 Datasheet HTML 1Page - STMicroelectronics 2N5641 Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - 2N5641

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2N5641 ETC1-2N5641 Datasheet
245Kb / 3P
silicon transistors UHF/VHF power transistors
logo
New Jersey Semi-Conduct...
2N5641 NJSEMI-2N5641 Datasheet
174Kb / 2P
NPN SILICON RF POWER TRANSISTOR
More results

Similar Description - 2N5641

ManufacturerPart #DatasheetDescription
logo
Seme LAB
D2082UK SEME-LAB-D2082UK Datasheet
12Kb / 1P
TetraFET 40W - 28V - 1.0GHz
logo
M/A-COM Technology Solu...
DU2840S MA-COM-DU2840S Datasheet
164Kb / 3P
RF Power MOSFET Transistor 40W, 2-175MHz, 28V
UF2820P MA-COM-UF2820P Datasheet
205Kb / 3P
RF Power MOSFET Transistor 20W, 100-500 MHz, 28V
UF2820R MA-COM-UF2820R Datasheet
221Kb / 3P
RF Power MOSFET Transistor 20W, 100-500 MHz, 28V
UF2840G MA-COM-UF2840G Datasheet
239Kb / 3P
RF Power MOSFET Transistor 40W, 100-500 MHz, 28V
UF2840P MA-COM-UF2840P Datasheet
197Kb / 3P
RF Power MOSFET Transistor 40W, 100-500 MHz, 28V
MRF323 MA-COM-MRF323 Datasheet
223Kb / 5P
The RF Line NPN Silicon Power Transistor 20W, 400MHz, 28V
logo
TriQuint Semiconductor
T1G6000528-Q3 TRIQUINT-T1G6000528-Q3 Datasheet
1Mb / 16P
7W, 28V, DC ??6 GHz, GaN RF Power Transistor
logo
M/A-COM Technology Solu...
MRF323 MA-COM-MRF323 Datasheet
223Kb / 5P
The RF Line NPN Silicon Power Transistor 20W, 400MHz, 28V
logo
TriQuint Semiconductor
T1G6000528-Q3 TRIQUINT-T1G6000528-Q3_15 Datasheet
1Mb / 16P
7W, 28V, DC ??6 GHz, GaN RF Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com