Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4344 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS4344
Description  10-PIN, 24-BIT, 192KHz STEREO D/A CONVERTER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4344 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS4344 Datasheet HTML 7Page - Cirrus Logic CS4344 Datasheet HTML 8Page - Cirrus Logic CS4344 Datasheet HTML 9Page - Cirrus Logic CS4344 Datasheet HTML 10Page - Cirrus Logic CS4344 Datasheet HTML 11Page - Cirrus Logic CS4344 Datasheet HTML 12Page - Cirrus Logic CS4344 Datasheet HTML 13Page - Cirrus Logic CS4344 Datasheet HTML 14Page - Cirrus Logic CS4344 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
CS4344/5/6/8
DS613PP2
11
3.TYPICAL CONNECTION DIAGRAM
DEM/SCLK
8
Audio
Data
Processor
External Clock
MCLK
AGND
AOUTR
CS4344
CS4345
CS4346
CS4348
SDIN
LRCK
VA
AOUTL
3
1
2
4
9
0.1 µF
+
1µF
7
Left Audio
Output
10
Right Audio
Output
+3.3 V to +5 V
3.3 µF
10 k
Ω
C
470
Ω
+
R
+ 470
C=
4πFs(R
470)
Rext
3.3 µF
10 k
Ω
C
470Ω
+
Rext
ext
ext
0.1 µF
10
µF
*3.3
µF
6
VQ
FILT+
5
Note*
Note* = This circuitry is intended for applications where the
CS4344/5/6/8 connects directly to an unbalanced output of
the design. For internal routing applications please see the
DAC analog output characteristics for loading limitations.
For best 20 kHz response
µF
*10
*Popguard ramp can be adjusted by
selecting this capacitor value to be
3.3 µF to give 250 ms ramp time
or 10 µF to give a 420 ms ramp time.
or
Figure 6. Recommended Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com