Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4344 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS4344
Description  10-PIN, 24-BIT, 192KHz STEREO D/A CONVERTER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4344 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS4344 Datasheet HTML 9Page - Cirrus Logic CS4344 Datasheet HTML 10Page - Cirrus Logic CS4344 Datasheet HTML 11Page - Cirrus Logic CS4344 Datasheet HTML 12Page - Cirrus Logic CS4344 Datasheet HTML 13Page - Cirrus Logic CS4344 Datasheet HTML 14Page - Cirrus Logic CS4344 Datasheet HTML 15Page - Cirrus Logic CS4344 Datasheet HTML 16Page - Cirrus Logic CS4344 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
CS4344/5/6/8
DS613PP2
13
4.2.2 Internal Serial Clock Mode
In the Internal Serial Clock Mode, the serial clock is internally derived and synchronous with MCLK
and LRCK. The SCLK/LRCK frequency ratio is either 32, 48, 64, or 72 depending upon data format.
Operation in this mode is identical to operation with an external serial clock synchronized with LRCK.
This mode allows access to the digital de-emphasis function. Refer to Figures 7 - 12 for details.
LR C K
SC L K
Le ft C h a n nel
Rig h t Ch a n n e l
SD A T A
+3 +2 +1 LSB
+5 +4
MSB -1 -2 -3 -4 -5
+3 +2 +1 LSB
+5 +4
MSB -1 -2 -3 -4
Internal SCLK Mode
External SCLK Mode
I2S, 16-Bit data and INT SCLK = 32 Fs if
MCLK/LRCK = 1024, 512, 256, 128, or 64
I2S, Up to 24-Bit data and INT SCLK = 48 Fs if
MCLK/LRCK = 768, 384, 192, or 96
I2S, Up to 24-Bit data and INT SCLK = 72 Fs if
MCLK/LRCK = 1152
I2S, up to 24-Bit Data
Data Valid on Rising Edge of SCLK
Figure 7. CS4344 Data Format (I2S)
LR C K
SC L K
Le ft C h a n nel
Rig h t Ch a n n e l
SD A T A
+3 +2 +1 LS B
+5 +4
MSB -1 -2 -3 -4 -5
+3 +2 +1 LS B
+5 +4
MSB -1 -2 -3 -4
Internal SCLK Mode
External SCLK Mode
Left Justified, up to 24-Bit Data
INT SCLK = 64 Fs if
MCLK/LRCK = 1024, 512, 256, 128, or 64
INT SCLK = 48 Fs if
MCLK/LRCK = 768, 384, 192, or 96
INT SCLK = 72 Fs if
MCLK/LRCK = 1152
Left Justified, up to 24-Bit Data
Data Valid on Rising Edge of SCLK
Figure 8. CS4345 Data Format (Left Justified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com