Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF0621 Datasheet(PDF) 4 Page - REYCONNS CHINA LIMITED

Part # RF0621
Description  SAW Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REYCONNS [REYCONNS CHINA LIMITED]
Direct Link  http://www.reyconns.com/en/
Logo REYCONNS - REYCONNS CHINA LIMITED

RF0621 Datasheet(HTML) 4 Page - REYCONNS CHINA LIMITED

  RF0621 Datasheet HTML 1Page - REYCONNS CHINA LIMITED RF0621 Datasheet HTML 2Page - REYCONNS CHINA LIMITED RF0621 Datasheet HTML 3Page - REYCONNS CHINA LIMITED RF0621 Datasheet HTML 4Page - REYCONNS CHINA LIMITED RF0621 Datasheet HTML 5Page - REYCONNS CHINA LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
REYCONNS
SAW Filter
RF0621
REYCONNS CHINA LIMITED
www.reyconns.com
Reliability(The SAW components shall remain electrical performance after tests)
No.
Test item
Test condition
1
Temperature
Storage
(1) Temperature: 85 ±2
, Duration: 250h , Recovery time: 2h±0.5h
℃℃
(2) Temperature: –55 ±3
, Duration: 250h ,Recovery time: 2h±0.5h
℃℃
2
Humidity Test
Conditions: 60 ±2
, 90~95% RH
Duration: 250h
℃℃
3
Thermal Shock
Heat cycle conditions: TA=-55 ±3 , TB=85 ±2 , t1=t2=30min, Switch
℃℃
℃
℃
time: ≤3min, Cycle time: 100 times, Recovery time: 2h±0.5h.
4
Vibration Fatigue
Frequency of vibration: 10~55Hz
Amplitude:1.5mm
Directions: X,Y and Z
Duration: 2h
5
Drop Test
Cycle time: 10 times
Height: 1.0m
6
Solder Ability Test
Temperature: 245 ±5
Duration: 3.0s
℃℃
--5.0s
Depth: DIP--2/3 , SMD--1/5
7
Resistance to
Soldering Heat
(1)Thickness of PCB:1mm , Solder condition: 260 ±5
, Duration: 10±1s
℃℃
(2)Temperature of Soldering Iron: 350 ±10
, Duration: 3~4s ,
℃℃
Recovery time : 2 ± 0.5h
Recommended Reflow Soldering Diagram



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com