Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF0621 Datasheet(PDF) 1 Page - REYCONNS CHINA LIMITED

Part # RF0621
Description  SAW Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REYCONNS [REYCONNS CHINA LIMITED]
Direct Link  http://www.reyconns.com/en/
Logo REYCONNS - REYCONNS CHINA LIMITED

RF0621 Datasheet(HTML) 1 Page - REYCONNS CHINA LIMITED

  RF0621 Datasheet HTML 1Page - REYCONNS CHINA LIMITED RF0621 Datasheet HTML 2Page - REYCONNS CHINA LIMITED RF0621 Datasheet HTML 3Page - REYCONNS CHINA LIMITED RF0621 Datasheet HTML 4Page - REYCONNS CHINA LIMITED RF0621 Datasheet HTML 5Page - REYCONNS CHINA LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
REYCONNS
SAW Filter
RF0621
REYCONNS CHINA LIMITED
www.reyconns.com
2.54
12
11
5
6
1
2
3
4
10
9
8
7
13.3
1.4
0.8
Application
Low-loss SAW component
Low amplitude ripple
Sharp rejections at both out-bands
Usable passband 20 MHz
Features
Ceramic Package for Surface Mounted Technology (SMT)
RoHS
compatible
Package size 13.30x6.50x1.80mm3
Package Code QCC12
E
lectrostatic Sensitive Device(ESD)
Package Dimensions (Unit: mm)
Pin Configuration
Marking Description
Test Circuit(Bottom View)
Pin No.
Description
11
Input
5
Output
1,2,3,4, 7,8,9,10,
Case Ground
6,12
To be Grounded
R
Trademark&
Manufacturer
RF
F
SAW Filter
0621
Part Number
●
Pin 1
YYWW
Year Code & Week Code
RF0621
·
YYWW
*Fig:If the products produced in 06
th week of 2015,
The year code & week code is 1506.


Similar Part No. - RF0621

ManufacturerPart #DatasheetDescription
logo
REYCONNS CHINA LIMITED
RF0620 REYCONNS-RF0620 Datasheet
220Kb / 5P
SAW Filter
RF0622 REYCONNS-RF0622 Datasheet
220Kb / 5P
SAW Filter
logo
Samsung semiconductor
RF062P SAMSUNG-RF062P Datasheet
4Mb / 20P
Passive components sales offices
More results

Similar Description - RF0621

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
SAW Components SAW Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com