Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF0621 Datasheet(PDF) 2 Page - REYCONNS CHINA LIMITED

Part # RF0621
Description  SAW Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REYCONNS [REYCONNS CHINA LIMITED]
Direct Link  http://www.reyconns.com/en/
Logo REYCONNS - REYCONNS CHINA LIMITED

RF0621 Datasheet(HTML) 2 Page - REYCONNS CHINA LIMITED

  RF0621 Datasheet HTML 1Page - REYCONNS CHINA LIMITED RF0621 Datasheet HTML 2Page - REYCONNS CHINA LIMITED RF0621 Datasheet HTML 3Page - REYCONNS CHINA LIMITED RF0621 Datasheet HTML 4Page - REYCONNS CHINA LIMITED RF0621 Datasheet HTML 5Page - REYCONNS CHINA LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
REYCONNS
SAW Filter
RF0621
REYCONNS CHINA LIMITED
www.reyconns.com
Performance
Maximum Rating
Item
Value
Unit
DC Voltage
VDC
3
V
Operation Temperature
T
-40 ~ +85
℃
Storage Temperature
Tstg
-55 ~ +125
℃
RF Power Dissipation
P
15
dBm
Electronic Characteristics
Test Temperature: 25℃±2℃
Terminating source impedance: 50Ω
Terminating load impedance: 50Ω
Item
Minimum
Typical
Maximum
Unit
Center Frequency
fc
60.2
MHz
Insertion Loss(min)
IL
19.3
20.0
dB
1 dB Bandwidth
BW1dB
19.92
20.00
MHz
3 dB Bandwidth
BW3dB
20.8
22.0
MHz
40 dB Bandwidth
BW40dB
24.2
25.0
MHz
Amplitude Ripple (p-p)
△
ɑ
0.6
1.0
dB
Absolute Delay
AD
1.26
1.5
us
Absolute Attenuation
DC-45.00MHz
40.0
45.0
dB
75.00-100.00MHz
40.0
45.0
dB



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com