Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25Q127CSIS Datasheet(PDF) 20 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q127CSIS
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q127CSIS Datasheet(HTML) 20 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q127CSIS Datasheet HTML 16Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CSIS Datasheet HTML 17Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CSIS Datasheet HTML 18Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CSIS Datasheet HTML 19Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CSIS Datasheet HTML 20Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CSIS Datasheet HTML 21Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CSIS Datasheet HTML 22Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CSIS Datasheet HTML 23Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CSIS Datasheet HTML 24Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 79 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q127C
20
Hardware Protected Mode is entered.
Figure7. Write Status Register Sequence Diagram
7.6. Read Data Bytes (READ) (03H)
The Read Data Bytes (READ) command is followed by a 3-byte address (A23-A0), and each bit is latched-in on the
rising edge of SCLK. Then the memory content, at that address, is shifted out on SO, each bit being shifted out, at a Max
frequency fR, during the falling edge of SCLK. Then the memory content at that address is shifted out on SO. The first byte
addressed can be at any location. The address is automatically incremented to the next higher address after each byte of
data is shifted out. The whole memory can, therefore, be read with a single Read Data Bytes (READ) command. Any Read
Data Bytes (READ) command, while an Erase, Program or Write cycle is in progress, is rejected without having any effects
on the cycle that is in progress.
Figure8. Read Data Bytes Sequence Diagram
Command
0
1
2
3
4
5
6
7
01H/31H/11H
CS#
SCLK
SI
SO
High-Z
8
9 10 11 12 13 14 15
MSB
7
6
5
4
3
2
1
0
Status Register in
Command
0
1
2
3
4
5
6
7
03H
CS#
SCLK
SI
SO
High-Z
8
9 10
28 29 30 31 32
MSB
3
2
1
0
34 35 36 37
33
23 22 21
7
6
5
4
3
2
1
0
38 39
24-bit address
MSB
Data Out1
Data Out2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com