Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25Q127CSIS Datasheet(PDF) 56 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q127CSIS
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q127CSIS Datasheet(HTML) 56 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q127CSIS Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CSIS Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CSIS Datasheet HTML 54Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CSIS Datasheet HTML 55Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CSIS Datasheet HTML 56Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CSIS Datasheet HTML 57Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CSIS Datasheet HTML 58Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CSIS Datasheet HTML 59Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CSIS Datasheet HTML 60Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 79 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q127C
56
tRST_E
CS# High To Next Command After Reset (From Erase)
30
ms
tW
Write Status Register Cycle Time
15
80
ms
tBP1
Byte Program Time (First Byte)
60
150
μs
tBP2
Additional Byte Program Time (After First Byte)
8
40
μs
tPP
Page Programming Time
1.6
5
ms
tSE
Sector Erase Time
100
600
ms
tBE1
Block Erase Time (32K Bytes)
0.3
1.4
s
tBE2
Block Erase Time (64K Bytes)
0.5
2.6
s
tCE
Chip Erase Time (GD25Q127C)
150
300
s
Note:
1. Typical value tested at T = 25℃.
2. Value guaranteed by design and/or characterization, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com