Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25Q127CSIS Datasheet(PDF) 39 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q127CSIS
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q127CSIS Datasheet(HTML) 39 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q127CSIS Datasheet HTML 35Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CSIS Datasheet HTML 36Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CSIS Datasheet HTML 37Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CSIS Datasheet HTML 38Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CSIS Datasheet HTML 39Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CSIS Datasheet HTML 40Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CSIS Datasheet HTML 41Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CSIS Datasheet HTML 42Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CSIS Datasheet HTML 43Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 79 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q127C
39
command sequence as follow: CS# goes low  Sending Enable Reset command  CS# goes high  CS# goes low 
Sending Reset command  CS# goes high. Once the Reset command is accepted by the device, the device will take
approximately tRST / tRST_E to reset. During this period, no command will be accepted. Data corruption may happen if there
is an on-going or suspended internal Erase or Program operation when Reset command sequence is accepted by the
device. It is recommended to check the BUSY bit and the SUS bit in Status Register before issuing the Reset command
sequence.
Figure39. Enable Reset and Reset command Sequence Diagram
7.32.
Read Unique ID (4BH)
The Read Unique ID command accesses a factory-set read-only 128bit number that is unique to each device. The
Unique ID can be used in conjunction with user software methods to help prevent copying or cloning of a system.
The Read Unique ID command sequence: CS# goes low  sending Read Unique ID command Dummy Byte1
Dummy Byte2 Dummy Byte3 Dummy Byte4128bit Unique ID Out CS# goes high.
Figure40 Read Unique ID Sequence Diagram
Command
0 1 2 3 4 5 6 7
4BH
CS#
SCLK
SI
SO
High-Z
8 9 10
3 2 1 0
7 6 5
4-Byte Dummy
MSB
6 5 4 3 2 1 0
Data Out1
7
6 5
7
Data Out2
CS#
SCLK
SI
SO
MSB
42 43 44 45
41
46 47
40
36 37 38 39
Command
0
1
2
3
4
5
6
7
66H
CS#
SCLK
SI
SO
High-Z
Command
0
1
2
3
4
5
6
7
99H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com