Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25R256D Datasheet(PDF) 4 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25R256D
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25R256D Datasheet(HTML) 4 Page - GigaDevice Semiconductor (Beijing) Inc.

  GD25R256D Datasheet HTML 1Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256D Datasheet HTML 2Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256D Datasheet HTML 3Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256D Datasheet HTML 4Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256D Datasheet HTML 5Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256D Datasheet HTML 6Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256D Datasheet HTML 7Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256D Datasheet HTML 8Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256D Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 82 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25R256D
4
1. FEATURES
◆
256M-bit Serial Flash
◆
Fast Program/Erase Speed
- 256 Bytes per programmable page
- Page Program time: 0.4ms typical
- Sector Erase time: 70ms typical
◆
Standard, Dual, Quad SPI
- Block Erase time: 0.16/0.22s typical
- Standard SPI: SCLK, CS#, SI, SO
- Chip Erase time: 70s typical
- Dual SPI: SCLK, CS#, IO0, IO1
- Quad SPI: SCLK, CS#, IO0, IO1, IO2, IO3
◆
Flexible Architecture
- 3- or 4-Byte Addressing Mode
- Uniform Sectors of 4K-Byte
- Uniform Blocks of 32/64K-Byte
◆
High Speed Clock Frequency
- Maximum 104MHz for fast read on 3.0 - 3.6V power supply
◆
Low Power Consumption
◆
Dual I/O Data transfer up to 208Mbits/s
- 1uA typical deep power down current
◆
Quad I/O Data transfer up to 416Mbits/s
- 12uA typical standby current
- Maximum 80MHz for fast read on 2.7 - 3.6V power supply
◆
Dual I/O Data transfer up to 160Mbits/s
◆
Advanced Security Features
◆
Quad I/O Data transfer up to 320Mbits/s
- 3x2048-Byte Security Registers With OTP Locks
- 128-bit Unique ID
◆
Software Write Protection
- Serial Flash Discoverable parameters (SFDP) register
- Write protect all/portion of memory via software
- Top/Bottom Block protection
◆
Single Power Supply Voltage
- Full voltage range: 2.7 - 3.6V
◆
RPMC Function(1)
- Four 32-bit Monotonic Counters
◆
Data Retention
- Volatile HMAC Key Register
- 20-year data retention typical
- Non-volatile Rood Key Register
◆
Package Information
◆
Allows XIP (execute in place) Operation
- SOP16 (300mil)
- Continuous Read With 8/16/32/64-Byte Wrap
- WSON8 (8*6mm)
- TFBGA-24 (5*5 ball array)
◆
Minimum 100,000 Program/Erase Cycles
Note: 1.RPMC related information is available at https://downloadcenter.intel.com/download/22646



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com