Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25R256D Datasheet(PDF) 5 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25R256D
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25R256D Datasheet(HTML) 5 Page - GigaDevice Semiconductor (Beijing) Inc.

  GD25R256D Datasheet HTML 1Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256D Datasheet HTML 2Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256D Datasheet HTML 3Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256D Datasheet HTML 4Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256D Datasheet HTML 5Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256D Datasheet HTML 6Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256D Datasheet HTML 7Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256D Datasheet HTML 8Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256D Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 82 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25R256D
5
2. GENERAL DESCRIPTION
The GD25R256D (256M-bit) Serial flash supports the standard Serial Peripheral Interface (SPI), and supports the
Dual/Quad SPI: Serial Clock, Chip Select, Serial Data I/O0 (SI), I/O1 (SO), I/O2, and I/O3 . The Dual I/O data is transferred
with speed of 208Mbits/s and the Quad I/O & Quad output data is transferred with speed of 416Mbits/s.
CONNECTION DIAGRAM
Figure 1 Connection Diagram
Note:
1.
Dedicated RESET# pin (Pin 3 of 16-LEAD SOP package or Pin A4 of 24-BALL TFBGA package) is available through
special order. Please refer to Chapter 9 for detailed ordering information.
2.
CS# must be driven high if chip is not selected. Please don’t leave CS# floating any time after power is on.
CS#
SO
(IO1)
IO2
VSS
Top View
VCC
IO3
SCLK
SI
(IO0)
8–LEAD WSON
1
2
3
4
5
6
7
8
Top View
A2
A3
A4
A5
B2
B3
B4
B5
B1
C1
C2
C3
C4
C5
D1
D2
D3
D4
D5
E1
E2
E3
E4
E5
NC
NC
NC
NC
NC
IO3
NC
IO2
VCC
RESET#
(1)
SI(IO0)
NC
NC
VSS
NC
SO(IO1)
NC
CS#
SCLK
NC
NC
NC
NC
NC
24-BALL TFBGA (5x5 ball array)
CS#
SO
(IO1)
IO2
VSS
Top View
VCC
IO3
SCLK
SI
(IO0)
16-LEAD SOP
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
RESET#
(1)
NC
NC
NC
NC
NC
NC
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com