Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25R256D Datasheet(PDF) 13 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25R256D
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25R256D Datasheet(HTML) 13 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25R256D Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256D Datasheet HTML 10Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256D Datasheet HTML 11Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256D Datasheet HTML 12Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256D Datasheet HTML 13Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256D Datasheet HTML 14Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256D Datasheet HTML 15Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256D Datasheet HTML 16Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256D Datasheet HTML 17Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 82 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25R256D
13
SUS1, SUS2 bits
The SUS1 and SUS2 bits are read only bit in the status register (S15 and S10) that are set to 1 after executing an
Program/Erase Suspend (75H) command (The Erase Suspend will set the SUS1 to 1,and the Program Suspend will set the
SUS2 to 1). The SUS1 and SUS2 bits are cleared to 0 by Program/Erase Resume (7AH) command, software reset
(66H+99H) command as well as a power-down, power-up cycle.
PE bit
The Program Error (PE) bit is a read only bit that indicates a program failure. It will also be set when the user attempts
to program a protected array sector or access the locked OTP space.
Error bits can be reset by CLEAR FLAG STATUS REGISTER command (30H).
EE bit
The Erase Error (EE) bit is a read only bit that indicates an erase failure. It will also be set when the user attempts to
erase a protected array sector or access the locked OTP space.
Error bits can be reset by CLEAR FLAG STATUS REGISTER command (30H).
ADP bit
The Address Power-up (ADP) bit is a non-volatile writable bit that determines the initial address mode when the device
is powered on or reset. This bit is only used during the power on or device reset initialization period. When ADP=0(factory
default), the device will power up into 3-Byte address mode, the Extended Address Register must be used to access memory
regions beyond 128Mb. When ADP=1, the device will power up into 4-Byte address mode directly.
Power Up
Device Initialization
& Status Register Refresh
(Non-Volatile Cells)
4-Byte Address
Standard SPI
Dual SPI
Quad SPI
3-Byte Address
Standard SPI
Dual SPI
Quad SPI
Enable 4-Byte (B7H)
Disable 4-Byte (E9H)
ADP bit value
ADP = 0
ADP = 1
ADS bit
The Address Status (ADS) bit is a read only bit that indicates the current address mode the device is operating in. The
device is in 3-Byte address mode when ADS=0 (default), and in 4-Byte address mode when ADS=1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com