Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM2103D Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2103D
Description  50V, 1.7A/2.3A peak current, half bridge driver chip
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2103D Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM2103D Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2103D Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2103D Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2103D Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2103D Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2103D Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
推荐应用电路图
HM2103D
4
2
HB
VSS
3
1
HI
LI
LI
HI
VDD
12V
HO
HS
LO
0.1uF
VBAT
5
6
7
8
2.2uF
R1
R2
N1
N2
D1
D2
图 1 典型应用线路图
上图中 R1、R2 具体阻值根据功率管不同而有所不同。
上图中 D1、D2 二极管视应用情况添加或者去掉。



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com