Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM2103D Datasheet(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2103D
Description  50V, 1.7A/2.3A peak current, half bridge driver chip
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2103D Datasheet(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM2103D Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2103D Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2103D Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2103D Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2103D Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2103D Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
电特性参数表
(TA=25℃, VDD=12V 除非另有规定)
参数
符号
条件
最小值
典型值
最大值
单位
电源参数
VDD 待机电流
IVDDST
INA=INB= L;VDD=12V;输出悬空
--
440
--
uA
输入逻辑电平
输入高电平
VINH
VDD=12V
2.8
5
V
输入低电平
VINL
VDD=12V
0
0.8
输入高电平电流
IINH
VDD=12V, VIN=5V
46
uA
输入下拉电阻
RIN
VDD=12V, VIN=5V
110
KΩ
输出级导通内阻
导通内阻
PMOS
RON
VDD=12V,VIN=5V,R=100Ω
17.3
Ω
NMOS
VDD=12V,VIN=5V,R=100Ω
1.57
时间参数
HO
输出上升时间
tr
VDD=12V,LI=0V,HI 为 10KHZ 脉冲信
号,HO 接 1nF 电容到地
15
ns
输出下降时间
tf
11
输出延迟时间
trr
160
输出延迟时间
tff
60
LO
输出上升时间
tr
VDD=12V,HI=0V,LI 为 10KHZ 脉冲信
号,LO 接 1nF 电容到地
14
ns
输出下降时间
tf
8
输出延迟时间
trr
160
输出延迟时间
tff
60
时序图
LI
HO
LO
t
HI
trH
trL
tfH
tfL
trrH
tffH
trrL
tffL
Dead time
Provided by
controller



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com