Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3885 Datasheet(PDF) 93 Page - Renesas Technology Corp

Part # M3885
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3885 Datasheet(HTML) 93 Page - Renesas Technology Corp

Back Button M3885 Datasheet HTML 89Page - Renesas Technology Corp M3885 Datasheet HTML 90Page - Renesas Technology Corp M3885 Datasheet HTML 91Page - Renesas Technology Corp M3885 Datasheet HTML 92Page - Renesas Technology Corp M3885 Datasheet HTML 93Page - Renesas Technology Corp M3885 Datasheet HTML 94Page - Renesas Technology Corp M3885 Datasheet HTML 95Page - Renesas Technology Corp M3885 Datasheet HTML 96Page - Renesas Technology Corp M3885 Datasheet HTML 97Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 103 page
background image
3885 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
92
Table 30 Electrical characteristics
(VCC = 3.3 V ± 0.3V, VSS = 0 V, Ta = –20 to 85 °C, unless otherwise noted)
“H” output voltage
P00–P07, P10–P17, P20–P27
P30–P37, P40–P47, P50–P57
P60–P67, P80–P87 (Note)
“L” output voltage
P00–P07, P10–P17, P20–P27
P30–P37, P40–P47, P50–P57
P60–P67, P70–P77, P80–P87
Hysteresis
CNTR0, CNTR1, INT0, INT1
INT20–INT40, INT21–INT41, INT5
P30–P37, RxD, SCLK, LRESET
LFRAME, LCLK, SERIRQ
“H” input current
P00–P07, P10–P17, P20–P27
P30–P37, P40–P47, P50–P57
P60–P67, P70–P77, P80–P87
RESET, CNVSS
“H” input current
XIN
“L” input current
P00–P07, P10–P17, P20–P27
P30–P37, P40–P47, P50–P57
P60–P67, P70–P77, P80–P87
RESET,CNVSS
“L” input current
XIN
“L” input current
P30–P37 (at Pull-up)
RAM hold voltage
Limits
V
V
V
V
µA
µA
µA
µA
µA
V
Parameter
Min.
Typ.
Max.
Symbol
Unit
Note: P00–P03 are measured when the P00–P03 output structure selection bit (bit 0 of PCTL1) is “0”.
P04–P07 are measured when the P04–P07 output structure selection bit (bit 1 of PCTL1) is “0”.
P10–P13 are measured when the P10–P13 output structure selection bit (bit 2 of PCTL1) is “0”.
P14–P17 are measured when the P14–P17 output structure selection bit (bit 3 of PCTL1) is “0”.
P42, P43, P44, and P46 are measured when the P4 output structure selection bit (bit 2 of PCTL2) is “0”.
P45 is measured when the P45/TXD P-channel output disable bit (bit 4 of UARTCON) is “0”.
IOH = –5 mA
IOL = 5 mA
IOL = 1.6 mA
VI = VCC
(Pin floating.
Pull-up transistors “off”)
VI = VCC
VI = VSS
(Pin floating.
Pull-up transistors “off”)
VI = VSS
VI = VSS
When clock stopped
VCC–1.0
–13
2.0
Test conditions
0.4
3
–3
–50
1.0
0.4
5.0
–5.0
–100
3.6
VOH
VOL
VT+–VT–
IIH
IIH
IIL
IIL
IIL
VRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com