Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3885 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M3885
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3885 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M3885 Datasheet HTML 9Page - Renesas Technology Corp M3885 Datasheet HTML 10Page - Renesas Technology Corp M3885 Datasheet HTML 11Page - Renesas Technology Corp M3885 Datasheet HTML 12Page - Renesas Technology Corp M3885 Datasheet HTML 13Page - Renesas Technology Corp M3885 Datasheet HTML 14Page - Renesas Technology Corp M3885 Datasheet HTML 15Page - Renesas Technology Corp M3885 Datasheet HTML 16Page - Renesas Technology Corp M3885 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 103 page
background image
3885 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
12
Fig. 9 Memory map of special function register (SFR)
002016
002116
002216
002316
002416
002516
002616
002716
002816
002916
002A16
002B16
002C16
002D16
002E16
002F16
003016
003116
003216
003316
003416
003516
003616
003716
003816
003916
003A16
003B16
003C16
003D16
003E16
003F16
000016
000116
000216
000316
000416
000516
000616
000716
000816
000916
000A16
000B16
000C16
000D16
000E16
000F16
001016
001116
001216
001316
001416
001516
001616
001716
001816
001916
001A16
001B16
001C16
001D16
001E16
001F16
Serialized IRQ request register (SERIRQ)
Port P0 (P0)
Port P0 direction register (P0D)
Port P1 (P1)
Port P1 direction register (P1D)
Port P2 (P2)
Port P2 direction register (P2D)
Port P3 (P3)
Port P3 direction register (P3D)
Port P4 (P4)
Port P4 direction register (P4D)
Port P5 (P5)
Port P5 direction register (P5D)
Port P6 (P6)
Port P6 direction register (P6D)
Port P7 (P7)
Port P7 direction register (P7D)
Port P8 (P8)/Port P4 input register (P4I)
Transmit/Receive buffer register (TB/RB)
Serial I/O status register (SIOSTS)
Serial I/O control register (SIOCON)
UART control register (UARTCON)
Baud rate generator (BRG)
Interrupt control register 2 (ICON2)
A-D conversion register 1 (AD1)
Prescaler Y (PREY)
Timer Y (TY)
AD/DA control register (ADCON)
D-A1 conversion register (DA1)
D-A2 conversion register (DA2)
Interrupt edge selection register (INTEDGE)
CPU mode register (CPUM)
Interrupt request register 1 (IREQ1)
Interrupt request register 2 (IREQ2)
Interrupt control register 1 (ICON1)
Prescaler 12 (PRE12)
Timer 2 (T2)
Prescaler X (PREX)
Timer X (TX)
Timer 1 (T1)
Timer XY mode register (TM)
I2C data shift register (S0)
I2C address register (S0D)
I2C status register (S1)
I2C control register (S1D)
I2C clock control register (S2)
I2C start/stop condition control register (S2D)
Data bas buffer register 0 (DBB0)
Data bas buffer status register 0 (DBBSTS0)
LPC control register (LPCCON)
Data bas buffer register 1 (DBB1)
Data bas buffer status register 1 (DBBSTS1)
Comparator data register (CMPD)
Port control register 1 (PCTL1)
Port control register 2 (PCTL2)
PWM0H register (PWM0H)
PWM0L register (PWM0L)
PWM1H register (PWM1H)
PWM1L register (PWM1L)
A-D conversion register 2 (AD2)
Interrupt source selection register (INTSEL)
Watchdog timer control register (WDTCON)
0FF816
0FF916
Port P8 direction register (P8D)/Port P7 input register (P7I)
0FF016
0FF116
0FF216
0FF316
LPC0 address register L (LPC0ADL)
LPC0 address register H (LPC0ADH)
LPC1 address register L (LPC1ADL)
LPC1 address register H (LPC1ADH)
Serialized IRQ control register (SERCON)
0FFE16
Port P5 input register (P5I)
Port control register 3 (PCTL3)
Flash memory control register (FMCR)
0FFF16
Reserved
(Note)
(Note)
Note: This applies to only flash memory version.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com