Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDRB-45 Datasheet(PDF) 2 Page - CUI INC

Part # PDRB-45
Description  AC-DC DIN RAIL POWER SUPPLY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PDRB-45 Datasheet(HTML) 2 Page - CUI INC

  PDRB-45 Datasheet HTML 1Page - CUI INC PDRB-45 Datasheet HTML 2Page - CUI INC PDRB-45 Datasheet HTML 3Page - CUI INC PDRB-45 Datasheet HTML 4Page - CUI INC PDRB-45 Datasheet HTML 5Page - CUI INC PDRB-45 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
cui.com
date 05/08/2019
│ page 2 of 6
CUI Inc
│ SERIES: PDRB-45 │ DESCRIPTION: AC-DC DIN RAIL POWER SUPPLY
INPUT
parameter
conditions/description
min
typ
max
units
voltage
90
127
264
370
Vac
Vdc
frequency
47
63
Hz
current
at 115 Vac, full load
at 230 Vac, full load
1.2
0.6
A
A
inrush current
at 110 Vac, full load, cold start
at 220 Vac, full load, cold start
20
35
A
A
leakage current
input to output
input to FG
3.5
3.5
mA
mA
input fuse
2A/250 Vac
OUTPUT
parameter
conditions/description
min
typ
max
units
capacitive load
5,000
µF
initial set point accuracy
±1
%
line regulation
at full load, 100~264 Vac
±1
%
load regulation
at 230 Vac, 100~0% load
±1
%
adjustability
via built in trim pot
12 Vdc output model
24 Vdc output model
48 Vdc output model
12
24
48
14
28
55
Vdc
Vdc
Vdc
start-up time
at 115/230 Vac, full load
2.0
s
rise time
output voltage rise from 10~90% of output
voltage
60
ms
hold-up time
at 115 Vac, full load
at 230 Vac, full load
10
20
ms
ms
switching frequency
at Vi nom, full load
65
kHz
LED indicator
when LED is on, the power supply is operating and
DC output is good
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com