Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDRB-45 Datasheet(PDF) 3 Page - CUI INC

Part # PDRB-45
Description  AC-DC DIN RAIL POWER SUPPLY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PDRB-45 Datasheet(HTML) 3 Page - CUI INC

  PDRB-45 Datasheet HTML 1Page - CUI INC PDRB-45 Datasheet HTML 2Page - CUI INC PDRB-45 Datasheet HTML 3Page - CUI INC PDRB-45 Datasheet HTML 4Page - CUI INC PDRB-45 Datasheet HTML 5Page - CUI INC PDRB-45 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
cui.com
date 05/08/2019
│ page 3 of 6
CUI Inc
│ SERIES: PDRB-45 │ DESCRIPTION: AC-DC DIN RAIL POWER SUPPLY
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over voltage protection
output shutdown, must recycle power to recover
120
150
%
over current protection
hiccup, auto recovery
110
150
%
short circuit protection
hiccup, auto recovery
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output for 1 minute at 10 mA
3,000
Vac
input to FG for 1 minute at 10 mA
1,500
Vac
output to FG for 1 minute at 10 mA
500
Vac
isolation resistance
input to output at 500 Vdc
5
MΩ
safety approvals
EN 60950-1
safety class
class I
conducted emissions
EN55032, Class B
radiated emissions
EN55032, Class B
ESD
EN61000-4-2, Level 4, Criteria B, Air Discharge: ±8 kV; Contact Discharge: ± 4 kV
radiated immunity
EN61000-4-3, Level 3, Criteria A, 80-1000 MHz, 3 V/M, 80% modulation (1 kHz)
EFT/burst
EN61000-4-4, Level 4, Criteria B, ±1 kV
surge
EN61000-4-5, Level 4, Criteria B, Common Mode: 2 kV; Differential Mode: 1 kV
pollution degree
2
degree of protection
IP20
MTBF
as per MIL-HDBK-217F, at 220 Vac, full load, 25°C
500,000
hours
RoHS
yes
Notes:
4. The power supply is considered a component which will be installed into final equipment. The final equipment still must be tested to meet the necessary EMC directives.
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
see derating curves
-25
70
°C
storage temperature
-40
85
°C
operating humidity
non-condensing
5
90
%
storage humidity
non-condensing
5
95
%
altitude
2,000
m
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com