Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDRB-45 Datasheet(PDF) 5 Page - CUI INC

Part # PDRB-45
Description  AC-DC DIN RAIL POWER SUPPLY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PDRB-45 Datasheet(HTML) 5 Page - CUI INC

  PDRB-45 Datasheet HTML 1Page - CUI INC PDRB-45 Datasheet HTML 2Page - CUI INC PDRB-45 Datasheet HTML 3Page - CUI INC PDRB-45 Datasheet HTML 4Page - CUI INC PDRB-45 Datasheet HTML 5Page - CUI INC PDRB-45 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
cui.com
date 05/08/2019
│ page 5 of 6
CUI Inc
│ SERIES: PDRB-45 │ DESCRIPTION: AC-DC DIN RAIL POWER SUPPLY
100
80
60
40
20
Ambient Temperature (°C)
40
50
60
75
-25
0102030
70
80
55
all other models
12 Vdc output models
DERATING CURVES
Temperature Derating Curve
(Output Load vs. Ambient Tempearature)
100
80
60
40
20
Input Voltage (Vac) 60Hz
155
175
90
100
110
120
135
230
264
90
165
Temperature Derating Curve
(Output Load vs. Input)
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com