Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEWAN1069 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PEWAN1069
Description  Gain Horns
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWAN1069 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PEWAN1069 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWAN1069 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWAN1069 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEWAN1069 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
-
Pasternack does not make
any representation or warranty regarding the suitability of the part described herein for any particular purpose, and Pasternack does not assume any liability arising out of the use of any part or documentation.
3
0
3
6
9
12
15
18
21
24
27
30
55
56
57
58
59
60
61
62
63
64
65
dBi
GHz
Gain
WR-15 Waveguide Wide Angle Scalar Feed Horn Antenna Operating from 55 GHz to 65 GHz with a Nominal 10 dBi Gain
with UG-385/U Round Cover Fla from Pasternack Enterprises has same day shipment for domestic and International orders.
Our RF, microwave and millimeter wave products maintain a 99.4% availability and are part of the broadest selection in the
industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-15 Waveguide Wide Angle Scalar Feed Horn Antenna Operating from 55 GHz to 65 GHz with
a Nominal 10 dBi Gain with UG-385/U Round Cover Fla PEWAN1069
URL: https://www.pasternack.com/wr-15-waveguide-gain-horn-antenna-10dbi-ug-385-round-flange-pewan1069-p.aspx
PEWAN1069 REV 1.0
Gain Horns Technical Data Sheet
PEWAN1069
WR-15 Waveguide Wide Angle Scalar Feed Horn Antenna
Operating from 55 GHz to 65 GHz with a Nominal
10 dBi Gain with UG-385/U Round Cover Fla



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com